Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZ9707-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZ9707-7
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ9707-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZ9707-7 Datasheet HTML 1Page - Diodes Incorporated DDZ9707-7 Datasheet HTML 2Page - Diodes Incorporated DDZ9707-7 Datasheet HTML 3Page - Diodes Incorporated DDZ9707-7 Datasheet HTML 4Page - Diodes Incorporated DDZ9707-7 Datasheet HTML 5Page - Diodes Incorporated DDZ9707-7 Datasheet HTML 6Page - Diodes Incorporated DDZ9707-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Pb
Lead-free
DS30410 Rev. 9 - 2
1 of 7
DDZ9681 - DDZ9717
www.diodes.com
ãDiodes Incorporated
·
500mW Power Dissipation on Ceramic PCB
·
Very Tight Tolerance on VZ
·
Ideally Suited for Automated Assembly Processes
·
Lead Free By Design/RoHS Compliant (Note 2)
Features
Maximum Ratings
@ TA = 25
°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Mechanical Data
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
1.35
E
0.45
0.65
0.55 Typical
G
0.25
H
0.11 Typical
J
0.10
a
0
°
8
°
All Dimensions in mm
·
Case: SOD-123
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Band
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking & Type Code Information: See Electrical
Specifications Table
·
Ordering Information: See Page 7
·
Weight: 0.01 grams (approximate)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
305
°C/W
Thermal Characteristics
Note:
1. Device mounted on ceramic PCB = 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2 at TA = 25
°C or mounted on FR-5 = 3.5x1.5 inches with
recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf, at TL = 75
°C.
2. No purposefully added lead.
DDZ9681 - DDZ9717
SURFACE MOUNT PRECISION ZENER DIODE
A
B
C
D
E
G
H
J
SPICE MODELS: DDZ9689 DDZ9690 DDZ9691 DDZ9692 DDZ9693 DDZ9694 DDZ9696 DDZ9697 DDZ9698 DDZ9699 DDZ9700 DDZ9701 DDZ9702
DDZ9703 DDZ9705 DDZ9707 DDZ9708 DDZ9709 DDZ9711 DDZ9712 DDZ9713 DDZ9714 DDZ9715 DDZ9716 DDZ9717


Similar Part No. - DDZ9707-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9707 DIODES-DDZ9707 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9707 DIODES-DDZ9707 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9707 DIODES-DDZ9707 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9707 DIODES-DDZ9707 Datasheet
343Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9707S DIODES-DDZ9707S Datasheet
189Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30409 Rev. 3 - 2
More results

Similar Description - DDZ9707-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com