Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZ9713T Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDZ9713T
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ9713T Datasheet(HTML) 1 Page - Diodes Incorporated

  DDZ9713T Datasheet HTML 1Page - Diodes Incorporated DDZ9713T Datasheet HTML 2Page - Diodes Incorporated DDZ9713T Datasheet HTML 3Page - Diodes Incorporated DDZ9713T Datasheet HTML 4Page - Diodes Incorporated DDZ9713T Datasheet HTML 5Page - Diodes Incorporated DDZ9713T Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Lead-free Green
DS30553 Rev. 3 - 2
1 of 6
DDZ9689T - DDZ9717T
www.diodes.com
·
Ultra-Small Surface Mount Package
·
Very Sharp Breakdown Characteristics
·
Very Tight Tolerance on VZ
·
Ideally Suited for Automated Assembly Processes
·
Very Low Leakage Current
·
Lead Free By Design/RoHS Compliant (Note 6)
·
"Green" Device (Note 5)
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF = 10mA
VF
0.9
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°
C
Mechanical Data
DDZ9689T - DDZ9717T
SURFACE MOUNT PRECISION ZENER DIODE
C
D
G
E
CATHODE MARK
MARKING CODE
Notes:
1. Device mounted on FR-4 PC board with recommended pad layout, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
SOD-523
Dim
Min
Max
A
1.50
1.70
B
1.10
1.30
C
0.25
0.35
D
0.70
0.90
E
0.10
0.20
G
0.50
0.70
All Dimensions in mm
·
Case: SOD-523
·
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminal Connections: Cathode Band
·
Terminals: Finish - Matte Tin annealed over Alloy 42
leadframe. Solderable per MIL-STD-202, Method 208
·
Marking & Type Code Information: See Electrical
Specifications Table
·
Ordering Information: See Last Page
·
Weight: 0.002 grams (approximate)
Thermal Characteristics
@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
150
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
833
°
C/W
SPICE MODELS: DDZ9689T DDZ9690T DDZ9691T DDZ9692T DDZ9693T DDZ9694T DDZ9696T DDZ9697T DDZ9699T DDZ9700T
DDZ9702T DDZ9703T DDZ9705T DDZ9707T DDZ9708T DDZ9709T DDZ9711T DDZ9712T DDZ9713T DDZ9714T DDZ9715T DDZ9716T DDZ9717T


Similar Part No. - DDZ9713T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9713T DIODES-DDZ9713T Datasheet
429Kb / 7P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - DDZ9713T

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com