Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV320DT50EF Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29LV320DT50EF
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV320DT50EF Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV320DT50EF Datasheet HTML 7Page - Advanced Micro Devices AM29LV320DT50EF Datasheet HTML 8Page - Advanced Micro Devices AM29LV320DT50EF Datasheet HTML 9Page - Advanced Micro Devices AM29LV320DT50EF Datasheet HTML 10Page - Advanced Micro Devices AM29LV320DT50EF Datasheet HTML 11Page - Advanced Micro Devices AM29LV320DT50EF Datasheet HTML 12Page - Advanced Micro Devices AM29LV320DT50EF Datasheet HTML 13Page - Advanced Micro Devices AM29LV320DT50EF Datasheet HTML 14Page - Advanced Micro Devices AM29LV320DT50EF Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
December 14, 2005
Am29LV320D
9
DA TA SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid
Combination) is formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV320D
T
90
E
C
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
F
=
Industrial (–40
°C to +85°C) with Pb-free package
C
=
Commercial (0
°C to +70°C)
D
=
Commercial (0
°C to +70°C) with Pb-free package
V
=
Automotive In-Cabin (-40
°C to +105°C)
Y
=
Automotive In-Cabin (-40
°C to +105°C) with Pb-free package
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 048)
WM
=
48-ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 12 mm package (FBD048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top boot sector
B
=
Bottom boot sector
DEVICE NUMBER/DESCRIPTION
Am29LV320D
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS Boot Sector Flash Memory
3.0 Volt-only Read, Program and Erase
Valid Combinations for TSOP
Packages
Speed
(Ns)
V
CC
Range
AM29LV320DT90R,
AM29LV320DB90R
EC, EI,
ED, EF
90
3.0– 3.6V
Am29LV320DT90,
Am29LV320DB90
90
2.7– 3.6V
AM29LV320DT120,
AM29LV320DB120
120
2.7– 3.6V
Am29LV320DT120
Am29LV320DB120
EV, EY
120
2.7 – 3,6V
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29LV320DT90,
AM29LV320DB90
WMC,
WMI,
WMD,
WMF
L320DT90V,
L320DB90V
C, I,
D, F
AM29LV320DT120,
AM29LV320DB120
L320DT12V,
L320DB12V
Am29LV320DT120
Am29LV320DB120
WNV
L320DT12V
L320DB12V
V, Y


Similar Part No. - AM29LV320DT50EF

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320DT90EC SPANSION-AM29LV320DT90EC Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90ED SPANSION-AM29LV320DT90ED Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90EF SPANSION-AM29LV320DT90EF Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90EI SPANSION-AM29LV320DT90EI Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV320DT90EV SPANSION-AM29LV320DT90EV Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - AM29LV320DT50EF

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV320MT AMD-AM29LV320MT Datasheet
946Kb / 61P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV320MT SPANSION-AM29LV320MT_07 Datasheet
1Mb / 63P
   32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LVI16D AMD-AM29LVI16D Datasheet
863Kb / 44P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116D AMD-AM29LV116D_06 Datasheet
755Kb / 43P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV116B AMD-AM29LV116B Datasheet
544Kb / 40P
   16 Megabit (2 M x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com