Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM41DL3248GT70IT Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM41DL3248GT70IT
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41DL3248GT70IT Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM41DL3248GT70IT Datasheet HTML 4Page - Advanced Micro Devices AM41DL3248GT70IT Datasheet HTML 5Page - Advanced Micro Devices AM41DL3248GT70IT Datasheet HTML 6Page - Advanced Micro Devices AM41DL3248GT70IT Datasheet HTML 7Page - Advanced Micro Devices AM41DL3248GT70IT Datasheet HTML 8Page - Advanced Micro Devices AM41DL3248GT70IT Datasheet HTML 9Page - Advanced Micro Devices AM41DL3248GT70IT Datasheet HTML 10Page - Advanced Micro Devices AM41DL3248GT70IT Datasheet HTML 11Page - Advanced Micro Devices AM41DL3248GT70IT Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 66 page
background image
September 5, 2002
Am41DL32x8G
7
PR ELI M I NARY
CONNECTION DIAGRAM
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory prod-
ucts in molded packaged (TSOP, BGA, PLCC, SSOP).
The package and/or data integrity may be compro-
mised if the package body is exposed to temperatures
above 150
°C for prolonged periods of time.
A1
B1
C1
F1
G1
L1
M1
D2
E2
F2
G2
H2
J2
C3
D3
E3
F3
G3
H3
J3
K3
C4
D4
E4
F4
G4
H4
J4
K4
B5
C5
D5
E5
H5
J5
K5
L5
B6
C6
D6
E6
H6
J6
K6
L6
C7
D7
E7
F7
G7
H7
J7
K7
C8
D8
E8
F8
G8
H8
J8
K8
D9
E9
F9
G9
H9
J9
A10
B10
F10
G10
L10
M10
NC
NC
NC
NC
NC
NC
NC
NC
NC
A3
A2
A1
A0
CE#f
CE1#s
A7
A6
A5
A4
VSS
OE#
DQ0
DQ8
LB#
UB#
A18
A17
DQ1
DQ9
DQ10
DQ2
NC
WP#/ACC
RESET#
RY/BY#
DQ3
VCCf
DQ11
NC
WE#
CE2s
A20
DQ4
VCCs
CIOs
A8
A19
A9
A10
DQ6
DQ13
DQ12
DQ5
A11
A12
A13
A14
SA
DQ15/A-1
DQ7
DQ14
A15
NC
NC
A16
CIOf
VSS
NC
NC
NC
NC
NC
NC
SRAM only
Shared
Flash only
73-Ball FBGA
Top View


Similar Part No. - AM41DL3248GT70IT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM41DL3244GB30IS AMD-AM41DL3244GB30IS Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM41DL3244GB30IT AMD-AM41DL3244GB30IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM41DL3244GB35IS AMD-AM41DL3244GB35IS Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM41DL3244GB35IT AMD-AM41DL3244GB35IT Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM41DL3244GB40IS AMD-AM41DL3244GB40IS Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
More results

Similar Description - AM41DL3248GT70IT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL6408G AMD-AM41DL6408G Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM41DL32X4G AMD-AM41DL32X4G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
logo
SPANSION
S29JL032H SPANSION-S29JL032H_09 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29DL640G AMD-AM29DL640G Datasheet
1Mb / 52P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29DL640H SPANSION-AM29DL640H_05 Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL064H SPANSION-S29JL064H Datasheet
1Mb / 64P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM49DL640BG AMD-AM49DL640BG Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
AM29DL640H AMD-AM29DL640H Datasheet
880Kb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com