Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM41DL6408G25IT Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM41DL6408G25IT
Description  64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM41DL6408G25IT Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM41DL6408G25IT Datasheet HTML 1Page - Advanced Micro Devices AM41DL6408G25IT Datasheet HTML 2Page - Advanced Micro Devices AM41DL6408G25IT Datasheet HTML 3Page - Advanced Micro Devices AM41DL6408G25IT Datasheet HTML 4Page - Advanced Micro Devices AM41DL6408G25IT Datasheet HTML 5Page - Advanced Micro Devices AM41DL6408G25IT Datasheet HTML 6Page - Advanced Micro Devices AM41DL6408G25IT Datasheet HTML 7Page - Advanced Micro Devices AM41DL6408G25IT Datasheet HTML 8Page - Advanced Micro Devices AM41DL6408G25IT Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 25560
Rev: B Amendment/+0
Issue Date: August 19, 2002
Refer to AMD’s Website (www.amd.com) for the latest information.
Am41DL6408G
Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
DISTINCTIVE CHARACTERISTICS
MCP Features
■ Power supply voltage of 2.7 to 3.3 volt
■ High performance
— Access time as fast as 70 ns Flash/55 ns SRAM
■ Package
— 73-Ball FBGA
■ Operating Temperature
— –40°C to +85°C
Flash Memory Features
ARCHITECTURAL ADVANTAGES
■ Simultaneous Read/Write operations
— Data can be continuously read from one bank while
executing erase/program functions in another bank.
— Zero latency between read and write operations
■ Flexible Bank
 architecture
— Read may occur in any of the three banks not being written
or erased.
— Four banks may be grouped by customer to achieve desired
bank divisions.
■ Manufactured on 0.17 µm process technology
■ SecSi™ (Secured Silicon) Sector: Extra 256 Byte sector
— Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number; verifiable
as factory locked through autoselect function. ExpressFlash
option allows entire sector to be available for
factory-secured data
— Customer lockable: Sector is one-time programmable. Once
sector is locked, data cannot be changed.
■ Zero Power Operation
— Sophisticated power management circuits reduce power
consumed during inactive periods to nearly zero.
■ Boot sectors
— Top and bottom boot sectors in the same device
■ Compatible with JEDEC standards
— Pinout and software compatible with single-power-supply
flash standard
PERFORMANCE CHARACTERISTICS
■ High performance
— Access time as fast as 70 ns
— Program time: 4 µs/word typical utilizing Accelerate function
■ Ultra low power consumption (typical values)
— 2 mA active read current at 1 MHz
— 10 mA active read current at 5 MHz
— 200 nA in standby or automatic sleep mode
■ Minimum 1 million write cycles guaranteed per sector
■ 20 year data retention at 125
°C
— Reliable operation for the life of the system
SOFTWARE FEATURES
■ Data Management Software (DMS)
— AMD-supplied software manages data programming,
enabling EEPROM emulation
— Eases historical sector erase flash limitations
■ Supports Common Flash Memory Interface (CFI)
■ Program/Erase Suspend/Erase Resume
— Suspends program/erase operations to allow
programming/erasing in same bank
■ Data# Polling and Toggle Bits
— Provides a software method of detecting the status of
program or erase cycles
■ Unlock Bypass Program command
— Reduces overall programming time when issuing multiple
program command sequences
HARDWARE FEATURES
■ Any combination of sectors can be erased
■ Ready/Busy# output (RY/BY#)
— Hardware method for detecting program or erase cycle
completion
■ Hardware reset pin (RESET#)
— Hardware method of resetting the internal state machine to
the read mode
■ WP#/ACC input pin
— Write protect (WP#) function protects sectors 0, 1, 140, and
141, regardless of sector protect status
— Acceleration (ACC) function accelerates program timing
■ Sector protection
— Hardware method of locking a sector, either in-system or
using programming equipment, to prevent any program or
erase operation within that sector
— Temporary Sector Unprotect allows changing data in
protected sectors in-system
SRAM Features
■ Power dissipation
— Operating: 30 mA maximum
— Standby: 15µA maximum
■ CE1s# and CE2s Chip Select
■ Power down features using CE1s# and CE2s
■ Data retention supply voltage: 1.5 to 3.3 volt
■ Byte data control: LB#s (DQ7–DQ0), UB#s (DQ15–DQ8)


Similar Part No. - AM41DL6408G25IT

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM41DL6408G SPANSION-AM41DL6408G Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408G70IS SPANSION-AM41DL6408G70IS Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408G70IT SPANSION-AM41DL6408G70IT Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408G71IS SPANSION-AM41DL6408G71IS Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM41DL6408G71IT SPANSION-AM41DL6408G71IT Datasheet
1Mb / 63P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results

Similar Description - AM41DL6408G25IT

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM42DL640AG AMD-AM42DL640AG Datasheet
916Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 16 Mbit (1 M x 16-Bit) Static RAM
AM41DL3208G AMD-AM41DL3208G Datasheet
1Mb / 65P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
AM49DL640BG AMD-AM49DL640BG Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (512 K x 16-Bit) Pseudo Static RAM
AM42DL6404G AMD-AM42DL6404G Datasheet
1,022Kb / 61P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (256 K x 16-Bit) Static RAM
AM41DL16X4D AMD-AM41DL16X4D Datasheet
980Kb / 63P
   16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
AM29DL800B AMD-AM29DL800B Datasheet
580Kb / 43P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
AM29DL800B AMD-AM29DL800B_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
SPANSION
AM42DL6402G SPANSION-AM42DL6402G Datasheet
927Kb / 62P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 2 Mbit (128 K x 16-Bit) Static RAM
AM49DL640BH SPANSION-AM49DL640BH Datasheet
1Mb / 63P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
logo
Advanced Micro Devices
AM41DL32X8G AMD-AM41DL32X8G Datasheet
1Mb / 66P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com