Electronic Components Datasheet Search |
|
AM29LV065MU100FF Datasheet(PDF) 7 Page - Advanced Micro Devices |
|
AM29LV065MU100FF Datasheet(HTML) 7 Page - Advanced Micro Devices |
7 / 62 page September 12, 2006 Am29LV065MU 5 DA TA SH EET PRODUCT SELECTOR GUIDE Note: 1. See “AC Characteristics” for full specifications. 2. For the Am29LV065MU device, the last numeric digit in the speed option (e.g. 101, 112, 120) is used for internal purposes only. Please use OPNs as listed when placing orders. 3. Contact factory for availability and ordering information. BLOCK DIAGRAM Part Number Am29LV065MU Speed Option V CC = 3.0–3.6 V 90R (Note 3) (V IO = 3.0–3.6 V) 101R (V IO = 2.7–3.6 V) V CC = 2.7–3.6 V 101 (V IO = 2.7–3.6 V) 112R (V IO = 1.65–3.6V) 112 (V IO = 1.65–3.6 V) 120R (V IO = 1.65–3.6 V) 120 (V IO = 1.65–3.6 V) Max. Access Time (ns) 90 100 110 120 Max. CE# Access Time (ns) 90 100 110 120 Max. Page access time (t PACC)25 30 30 40 30 40 Max. OE# Access Time (ns) 25 30 30 40 30 40 Input/Output Buffers X-Decoder Y-Decoder Chip Enable Output Enable Logic Erase Voltage Generator PGM Voltage Generator Timer V CC Detector State Control Command Register V CC V SS V IO WE# ACC CE# OE# STB STB DQ0 –DQ7 Sector Switches RY/BY# RESET# Data Latch Y-Gating Cell Matrix A22–A0 |
Similar Part No. - AM29LV065MU100FF |
|
Similar Description - AM29LV065MU100FF |