Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV065MU90RWHF Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29LV065MU90RWHF
Description  64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU90RWHF Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV065MU90RWHF Datasheet HTML 7Page - Advanced Micro Devices AM29LV065MU90RWHF Datasheet HTML 8Page - Advanced Micro Devices AM29LV065MU90RWHF Datasheet HTML 9Page - Advanced Micro Devices AM29LV065MU90RWHF Datasheet HTML 10Page - Advanced Micro Devices AM29LV065MU90RWHF Datasheet HTML 11Page - Advanced Micro Devices AM29LV065MU90RWHF Datasheet HTML 12Page - Advanced Micro Devices AM29LV065MU90RWHF Datasheet HTML 13Page - Advanced Micro Devices AM29LV065MU90RWHF Datasheet HTML 14Page - Advanced Micro Devices AM29LV065MU90RWHF Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
September 12, 2006
Am29LV065MU
9
DA TA
SH EET
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Note:
1.
For the Am29LV065MU device, the last numeric digit in the speed
option (e.g. 101, 112, 120) is used for internal purposes only. Please
use OPNs as listed when placing orders.
2.
For 90R speed option shown in product selector guide, contact
AMD for availability and ordering information.
Am29LV065M
U
120R
WH
I
TEMPERATURE RANGE
F
=
Industrial (-40
°C to +85°C) with Pb-free Package
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
=
48-Pin Standard Pinout Thin Small Outline Package (TS 048)
F
=
48-Pin Reverse Pinout Thin Small Outline Package (TSR048)
WH
=
63-Ball Fine-Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 11 x 12 mm package (FBE063)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE
U
=
Uniform sector device
DEVICE NUMBER/DESCRIPTION
Am29LV065MU
64 Megabit (8 M x 8-Bit) MirrorBit
™ Uniform Sector Flash Memory with VersatileIO™ Control
3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP Package
Speed
(ns)
V
IO
Range
V
CC
Range
Am29LV065MU101
EI, FI,
EF
100
2.7–3.6 V
2.7–3.6 V
Am29LV065MU112
110
1.65–3.6 V
Am29LV065MU120
120
1.65–3.6 V
Am29LV065MU101R
100
2.7–3.6 V
3.0–3.6 V
Am29LV065MU112R
110
1.65–3.6 V
Am29LV065MU120R
120
1.65–3.6 V
Valid Combinations for
Fine-Pitch BGA Package
Speed
(ns)
V
IO
Range
V
CC
Range
Order Number
Package
Marking
Am29LV065MU101
WHI
WHF
L065MU01V
I,
F
100
2.7–
3.6 V
2.7–
3.6 V
Am29LV065MU112
L065MU11V
110
1.65–
3.6 V
Am29LV065MU120
L065MU12V
120
1.65–
3.6 V
Am29LV065MU101R
L065MU01R
100
2.7–
3.6 V
3.0–
3.6 V
Am29LV065MU112R
L065MU11R
110
1.65–
3.6 V
Am29LV065MU120R
L065MU12R
120
1.65–
3.6 V


Similar Part No. - AM29LV065MU90RWHF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV065MU90RWH AMD-AM29LV065MU90RWH Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU90RWHI AMD-AM29LV065MU90RWHI Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results

Similar Description - AM29LV065MU90RWHF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV033MU AMD-AM29LV033MU Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com