Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F002BT-90PF Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F002BT-90PF
Description  2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F002BT-90PF Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F002BT-90PF Datasheet HTML 6Page - Advanced Micro Devices AM29F002BT-90PF Datasheet HTML 7Page - Advanced Micro Devices AM29F002BT-90PF Datasheet HTML 8Page - Advanced Micro Devices AM29F002BT-90PF Datasheet HTML 9Page - Advanced Micro Devices AM29F002BT-90PF Datasheet HTML 10Page - Advanced Micro Devices AM29F002BT-90PF Datasheet HTML 11Page - Advanced Micro Devices AM29F002BT-90PF Datasheet HTML 12Page - Advanced Micro Devices AM29F002BT-90PF Datasheet HTML 13Page - Advanced Micro Devices AM29F002BT-90PF Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
8
Am29F002B/Am29F002NB
21527D5 November 1, 2006
D A TA
SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register
itself does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state
machine. The state machine outputs dictate the func-
tion of the device. The appropr iate device bus
operations table lists the inputs and control levels
required, and the resulting output. The following sub-
sections describe each of these operations in further
detail.
Table 1.
Am29F002B/Am29F002NB Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Note: See the sections on Sector Group Protection and Temporary Sector Unprotect for more information. This function requires
the RESET# pin and is therefore not available on the Am29F002NB device.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output
control and gates array data to the output pins. WE#
should remain at VIH.
The internal state machine is set for reading array data
upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory
content occurs during the power transition. No
command is necessary in this mode to obtain array
data. Standard microprocessor read cycles that assert
valid addresses on the device address inputs produce
valid data on the device data outputs. The device
remains enabled for read access until the command
register contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
tions and to the Read Operations Timings diagram for
the timing waveforms. ICC1 in the DC Characteristics
table represents the active current specification for
reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which
includes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. The Sector Address Tables
indicate the address space that each sector occupies.
A “sector address” consists of the address bits required
to uniquely select a sector. See the Command Defini-
tions section for details on erasing a sector or the entire
chip, or suspending/resuming the erase operation.
After the system writes the autoselect command
sequence, the device enters the autoselect mode. The
system can then read autoselect codes from the
internal register (which is separate from the memory
array) on DQ7–DQ0. Standard read cycle timings apply
in this mode. Refer to the “Autoselect Mode” and
Autoselect Command Sequence sections for more
information.
ICC2 in the DC Characteristics table represents the
active current specification for the write mode. The “AC
Characteristics” section contains timing specification
tables and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status
bits on DQ7–DQ0. Standard read cycle timings and ICC
read specifications apply. Refer to “Write Operation
Operation
CE#
OE#
WE#
RESET#
(n/a Am29F002NB)
A0–A17
DQ0–DQ7
Read
L
L
H
H
AIN
DOUT
Write
L
H
L
H
AIN
DIN
CMOS Standby
VCC ± 0.5 V
X
X
H
X
High-Z
TTL Standby
H
X
X
H
X
High-Z
Output Disable
L
H
H
H
X
High-Z
Reset (n/a on Am29F002NB)
X
X
X
L
X
High-Z
Temporary Sector Unprotect
(See Note)
XX
X
VID
XX


Similar Part No. - AM29F002BT-90PF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F002BT-90 AMD-AM29F002BT-90 Datasheet
792Kb / 40P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29F002BT-90PF

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F002 AMD-AM29F002 Datasheet
436Kb / 37P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F002B AMD-AM29F002B Datasheet
792Kb / 40P
   2 Megabit (256 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29LV002 AMD-AM29LV002 Datasheet
448Kb / 34P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29F200 AMD-AM29F200 Datasheet
519Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F200B AMD-AM29F200B_06 Datasheet
810Kb / 41P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29LV002B AMD-AM29LV002B_06 Datasheet
685Kb / 41P
   2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29F200A AMD-AM29F200A Datasheet
475Kb / 39P
   2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com