Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F800BB-120WBK Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29F800BB-120WBK
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F800BB-120WBK Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29F800BB-120WBK Datasheet HTML 7Page - Advanced Micro Devices AM29F800BB-120WBK Datasheet HTML 8Page - Advanced Micro Devices AM29F800BB-120WBK Datasheet HTML 9Page - Advanced Micro Devices AM29F800BB-120WBK Datasheet HTML 10Page - Advanced Micro Devices AM29F800BB-120WBK Datasheet HTML 11Page - Advanced Micro Devices AM29F800BB-120WBK Datasheet HTML 12Page - Advanced Micro Devices AM29F800BB-120WBK Datasheet HTML 13Page - Advanced Micro Devices AM29F800BB-120WBK Datasheet HTML 14Page - Advanced Micro Devices AM29F800BB-120WBK Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
November 2, 2006 21504E5
Am29F800B
9
D A TA SH EE T
DEVICE BUS OPERATIONS
This section describes the requirements and use of the
device bus operations, which are initiated through the
internal command register. The command register it-
self does not occupy any addressable memory loca-
tion. The register is composed of latches that store the
commands, along with the address and data informa-
tion needed to execute the command. The contents of
the register serve as inputs to the internal state ma-
chine. The state machine outputs dictate the function of
the device. The appropriate device bus operations
table lists the inputs and control levels required, and the
resulting output. The following subsections describe
each of these operations in further detail.
Table 1.
Am29F800B Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 ± 0.5 V, X = Don’t Care, DIN = Data In, DOUT = Data Out, AIN = Address In
Note: See the sections on Sector Group Protection and Temporary Sector Unprotect for more information.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins DQ15–DQ0 operate in the byte or word configura-
tion. If the BYTE# pin is set at logic ‘1’, the device is in
word configuration, DQ15–DQ0 are active and con-
trolled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in byte
configuration, and only data I/O pins DQ0–DQ7 are ac-
tive and controlled by CE# and OE#. The data I/O pins
DQ8–DQ14 are tri-stated, and the DQ15 pin is used as
an input for the LSB (A-1) address function.
Requirements for Reading Array Data
To read array data from the outputs, the system must
drive the CE# and OE# pins to VIL. CE# is the power
control and selects the device. OE# is the output control
and gates array data to the output pins. WE# should re-
main at VIH.
The internal state machine is set for reading array
data upon device power-up, or after a hardware reset.
This ensures that no spurious alteration of the mem-
ory content occurs during the power transition. No
command is necessary in this mode to obtain array
data. Standard microprocessor read cycles that as-
sert valid addresses on the device address inputs
produce valid data on the device data outputs. The
device remains enabled for read access until the
command register contents are altered.
See “Reading Array Data” for more information. Refer
to the AC Read Operations table for timing specifica-
tions and to the Read Operations Timings diagram for
the timing waveforms. ICC1 in the DC Characteristics
table represents the active current specification for
reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to VIL, and OE# to VIH.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. The Sector Address Tables in-
dicate the address space that each sector occupies. A
“sector address” consists of the address bits required
to uniquely select a sector. See the “Command Defini-
Operation
CE#
OE#
WE#
RESET#
A0–A18
DQ0–DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
High-Z
Write
L
H
L
H
AIN
DIN
DIN
High-Z
CMOS Standby
VCC ± 0.5 V
X
X
VCC ± 0.5 V
X
High-Z
High-Z
High-Z
TTL Standby
H
X
X
H
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Hardware Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Temporary Sector Unprotect
(See Note)
X
X
X
VID
AIN
DIN
DIN
X


Similar Part No. - AM29F800BB-120WBK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F800BB-120DGC AMD-AM29F800BB-120DGC Datasheet
207Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F800BB-120DGC1 AMD-AM29F800BB-120DGC1 Datasheet
207Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F800BB-120DGE AMD-AM29F800BB-120DGE Datasheet
207Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F800BB-120DGE1 AMD-AM29F800BB-120DGE1 Datasheet
207Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
AM29F800BB-120DGI AMD-AM29F800BB-120DGI Datasheet
207Kb / 9P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 1
More results

Similar Description - AM29F800BB-120WBK

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F800B AMD-AM29F800B Datasheet
518Kb / 39P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
SPANSION
AM29F800B SPANSION-AM29F800B_09 Datasheet
1Mb / 45P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B Datasheet
569Kb / 42P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV800D SPANSION-AM29LV800D_06 Datasheet
1Mb / 46P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800D AMD-AM29LV800D Datasheet
1Mb / 51P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008J70BFI020 SPANSION-S29AL008J70BFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008J70TFI020 SPANSION-S29AL008J70TFI020 Datasheet
1Mb / 54P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL008D SPANSION-S29AL008D_06 Datasheet
1Mb / 56P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV800B AMD-AM29LV800B_05 Datasheet
1Mb / 49P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL008D SPANSION-S29AL008D Datasheet
1Mb / 55P
   8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com