Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F400BT-45EC0 Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM29F400BT-45EC0
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400BT-45EC0 Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM29F400BT-45EC0 Datasheet HTML 4Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 5Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 6Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 7Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 8Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 9Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 10Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 11Page - Advanced Micro Devices AM29F400BT-45EC0 Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
6
Am29F400B
21505E5 November 1, 2006
D A TA
SH EE T
PIN CONFIGURATION
A0–A17
=
18 addresses
DQ0–DQ14 =
15 data inputs/outputs
DQ15/A-1
=
DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
BYTE#
=
Selects 8-bit or 16-bit mode
CE#
=
Chip enable
OE#
=
Output enable
WE#
=
Write enable
RESET#
=
Hardware reset pin, active low
RY/BY#
=
Ready/Busy# output
VCC
=
+5.0 V single power supply
(see Product Selector Guide for
device speed ratings and voltage
supply tolerances)
VSS
=
Device ground
NC
=
Pin not connected internally
LOGIC SYMBOL
18
16 or 8
DQ0–DQ15
(A-1)
A0–A17
CE#
OE#
WE#
RESET#
BYTE#
RY/BY#


Similar Part No. - AM29F400BT-45EC0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400BT-45EC0 AMD-AM29F400BT-45EC0 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results

Similar Description - AM29F400BT-45EC0

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400B AMD-AM29F400B Datasheet
515Kb / 37P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
AM29F400B AMD-AM29F400B_00 Datasheet
911Kb / 42P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F400B SPANSION-AM29F400B_09 Datasheet
862Kb / 43P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29LV400 AMD-AM29LV400 Datasheet
516Kb / 40P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B_03 Datasheet
382Kb / 14P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
AM29LV400B AMD-AM29LV400B Datasheet
47Kb / 7P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29LV400BT-90EC SPANSION-AM29LV400BT-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BB-90EC SPANSION-AM29LV400BB-90EC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70EI SPANSION-AM29LV400BT-70EI Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV400BT-70SC SPANSION-AM29LV400BT-70SC Datasheet
1Mb / 48P
   4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com