Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMST3904 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # MMST3904
Description  150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMST3904 Datasheet(HTML) 7 Page - Diodes Incorporated

  MMST3904 Datasheet HTML 1Page - Diodes Incorporated MMST3904 Datasheet HTML 2Page - Diodes Incorporated MMST3904 Datasheet HTML 3Page - Diodes Incorporated MMST3904 Datasheet HTML 4Page - Diodes Incorporated MMST3904 Datasheet HTML 5Page - Diodes Incorporated MMST3904 Datasheet HTML 6Page - Diodes Incorporated MMST3904 Datasheet HTML 7Page - Diodes Incorporated MMST3904 Datasheet HTML 8Page - Diodes Incorporated MMST3904 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
R 2
220
Vi n
V o u t
Q1
P N P
NP N
LO A D
R1
10K
MMST3904
MMST3906
BQ2
Control
CQ1
CQ2
BQ1
EQ2
EQ1
Q2
Application Details
PNP Transistor (MMST3906) and NPN Transistor (MMST3904)
integrated as one in LBN150B01 can be used as a discrete entity
for general purpose applications or as a part of a circuit to function
as a Load Switch. When it is used as the latter as shown in Fig 16,
various input voltage sources can be used as long as they do not
exceed the maximum rating of the device. These devices are
designed to deliver continuous output load current up to maximum
of 150 mA. The use of the NPN as a switch eliminates the need
for higher current required to overcome the gate charge in the
event an N-MOSFET is used. Care must be taken for higher levels
of dissipation while designing for higher load conditions. These
devices provides power on demand and also consume less space.
It mainly helps in optimizing power usage, thereby conserving
battery life in a controlled load system like portable battery
powered applications. (Please see Fig. 17 for one example of
typical application circuit used in conjunction with a voltage
regulator as a part of power management system).
Fig. 16: Example Circuit Schematic
Typical Application Circuit
U1
Vi n
OU T 1
GN D
Vo u t
U2
1
3
2
4
5
6
E_ Q 1
B_ Q 2
B_ Q 1
C_ Q 2
E_ Q 2
C_ Q 1
C ontr o l
U3
IN
O U T
Vi n
5V S uppl y
GN D
Load Switch
Voltage Regulator
LBN150B01
Diodes, Inc.
Point of
Load
Control Logic
Circuit (PIC,
Comparator, etc)
Fig. 17
DS30749 Rev. 3 - 2
7 of 9
www.diodes.com
LBN150B01
© Diodes Incorporated


Similar Part No. - MMST3904

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMST3904 TRSYS-MMST3904 Datasheet
166Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
MMST3904 WINNERJOIN-MMST3904 Datasheet
131Kb / 1P
   TRANSISTOR (NPN)
logo
Rohm
MMST3904 ROHM-MMST3904 Datasheet
90Kb / 4P
   NPN General Purpose Transistor
MMST3904 ROHM-MMST3904 Datasheet
104Kb / 5P
   NPN General Purpose Transistor
logo
Diodes Incorporated
MMST3904 DIODES-MMST3904 Datasheet
58Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 3P-1
More results

Similar Description - MMST3904

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
LBN150B01 DIODES-LBN150B01_1 Datasheet
307Kb / 7P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
LBN150B01 DIODES-LBN150B01_15 Datasheet
307Kb / 7P
   150 mA LOAD SWITCH FEATURING COMPLEMENTARY BIPOLAR TRANSISTORS
LMN200B02 DIODES-LMN200B02_1 Datasheet
251Kb / 10P
   200 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND N-MOSFET
logo
ON Semiconductor
MJL3281A ONSEMI-MJL3281A_13 Datasheet
114Kb / 5P
   Complementary Bipolar Power Transistors
September, 2013 ??Rev. 11
logo
Diodes Incorporated
LMN400E01 DIODES-LMN400E01_1 Datasheet
290Kb / 8P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
LMN400E01 DIODES-LMN400E01 Datasheet
549Kb / 10P
   400 mA LOAD SWITCH FEATURING PRE-BIASED PNP TRANSISTOR AND ESD PROTECTED N-MOSFET
DS30750 Rev. 4 - 2
logo
ON Semiconductor
MJL0281A ONSEMI-MJL0281A Datasheet
58Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2006 ??Rev. 1
NJW0281G ONSEMI-NJW0281G_13 Datasheet
108Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
MJW0281A ONSEMI-MJW0281A_05 Datasheet
67Kb / 6P
   Complementary NPN-PNP Power Bipolar Transistors
June, 2005 ??Rev. 2
NJW0281G ONSEMI-NJW0281G Datasheet
80Kb / 5P
   Complementary NPN-PNP Power Bipolar Transistors
September, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com