Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC144TU-7 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DDC144TU-7
Description  DUAL NPN TRANSISTORS WITH 47K OHM BASE RESISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC144TU-7 Datasheet(HTML) 5 Page - Diodes Incorporated

  DDC144TU-7 Datasheet HTML 1Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 2Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 3Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 4Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 5Page - Diodes Incorporated DDC144TU-7 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Ordering Information (Note 4)
Device
Marking Code
Packaging
Shipping
DDC144TU-7
N21
SOT-363
3000/Tape & Reel
Notes:
4.
For Packaging Details, please see below or go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
N21 YM
N21 = Product Type Marking Code
YM = Date Code Marking
Y = Year e.g., U = 2007
M = Month e.g., 9 = September
Fig. 12
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Mechanical Details
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
0
°
8
°
All Dimensions in mm
A
M
J
L
D
B C
H
K
F
Fig. 13
DS30767 Rev. 6 - 2
5 of 6
www.diodes.com
DDC144TU
© Diodes Incorporated
Suggested Pad Layout: (Based on IPC-SM-782)
X
Z
Y
C
E
E
G
Fig. 14
Figure 14
Dimensions
SOT-363
Z
2.5
G
1.3
X
0.42
Y
0.6
C
1.9
E
0.65
All Dimensions in mm


Similar Part No. - DDC144TU-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDC144TH DIODES-DDC144TH Datasheet
266Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
December 2014
DDC144TH-7-F DIODES-DDC144TH-7-F Datasheet
266Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
December 2014
More results

Similar Description - DDC144TU-7

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PEMH10 NEXPERIA-PEMH10 Datasheet
912Kb / 16P
   NPN/NPN resistor-equipped transistors; R1 = 2.2 k, R2 = 47k
Rev. 3 - 20 December 2011
logo
NXP Semiconductors
PEMH10_PUMH10 PHILIPS-PEMH10_PUMH10_15 Datasheet
629Kb / 15P
   NPN/NPN resistor-equipped transistors R1 = 2.2 k?? R2 = 47k?
Rev. 3-20 December 2011
logo
ON Semiconductor
NSBC114YDXV6T1G ONSEMI-NSBC114YDXV6T1G Datasheet
156Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
SMUN5233DW1T1G ONSEMI-SMUN5233DW1T1G Datasheet
120Kb / 8P
   Dual NPN Bias Resistor Transistors
May, 2013 ??Rev. 1
NSBC123TDP6 ONSEMI-NSBC123TDP6 Datasheet
99Kb / 5P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
MUN5234DW1 ONSEMI-MUN5234DW1 Datasheet
141Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
NSBC115TD ONSEMI-NSBC115TD Datasheet
102Kb / 5P
   Dual NPN Bias Resistor Transistors
October, 2013 ??Rev. 1
MUN5214DW1 ONSEMI-MUN5214DW1 Datasheet
88Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2014 ??Rev. 2
MUN5236DW1 ONSEMI-MUN5236DW1 Datasheet
116Kb / 6P
   Dual NPN Bias Resistor Transistors
January, 2014 ??Rev. 1
SMUN5211DW1T1G ONSEMI-SMUN5211DW1T1G Datasheet
155Kb / 8P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com