Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDZ15B Datasheet(PDF) 2 Page - Rohm

Part # KDZ15B
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KDZ15B Datasheet(HTML) 2 Page - Rohm

  KDZ15B Datasheet HTML 1Page - Rohm KDZ15B Datasheet HTML 2Page - Rohm KDZ15B Datasheet HTML 3Page - Rohm KDZ15B Datasheet HTML 4Page - Rohm KDZ15B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KDZ5.6B
Diodes
Rev.B
2/4
Electrical characteristics (Ta=25
°C)
Marking (TYPE NO.)
TYPE NO.
TYPE NO.
KDZ 3.6B
GB
KDZ 12B
VB
KDZ 3.9B
HB
KDZ 13B
WB
KDZ 4.3B
JB
KDZ 15B
XB
KDZ 4.7B
KB
KDZ 16B
YB
KDZ 5.1B
LB
KDZ 18B
ZB
KDZ 5.6B
MB
KDZ 20B
AD
KDZ 6.2B
NB
KDZ 22B
BD
KDZ 6.8B
PB
KDZ 24B
CD
KDZ 7.5B
QB
KDZ 27B
DD
KDZ 8.2B
RB
KDZ 30B
ED
KDZ 9.1B
SB
KDZ 33B
FD
KDZ 10B
TB
KDZ 36B
GD
KDZ 11B
UB
TYPE
TYPE
MIN.
TYP.
MAX.
Iz(mA)
MAX.
VR(V)
KDZ 3.6B
3.600
3.813
4.000
40
60
1.0
KDZ 3.9B
3.900
4.136
4.400
40
40
1.0
KDZ 4.3B
4.300
4.572
4.800
40
20
1.0
KDZ 4.7B
4.700
4.924
5.200
40
20
1.0
KDZ 5.1B
5.100
5.368
5.700
40
20
1.5
KDZ 5.6B
5.600
5.856
6.300
40
20
2.5
KDZ 6.2B
6.200
6.509
7.000
40
20
3.0
KDZ 6.8B
6.800
7.280
7.700
40
20
3.5
KDZ 7.5B
7.500
7.889
8.400
40
20
4.0
KDZ 8.2B
8.200
8.655
9.300
40
20
5.0
KDZ 9.1B
9.100
9.747
10.200
40
20
6.0
KDZ 10B
10.000
10.310
11.200
40
10
7.0
KDZ 11B
11.000
11.510
12.300
20
10
8.0
KDZ 12B
12.000
12.500
13.500
20
10
9.0
KDZ 13B
13.300
13.820
15.000
20
10
10.0
KDZ 15B
14.700
15.350
16.500
20
10
11.0
KDZ 16B
16.200
16.860
18.300
20
10
12.0
KDZ 18B
18.000
19.000
20.300
20
10
13.0
KDZ 20B
20.000
20.820
22.400
20
10
15.0
KDZ 22B
22.000
23.850
24.500
10
10
17.0
KDZ 24B
24.000
25.310
27.600
10
10
19.0
KDZ 27B
27.000
28.700
30.800
10
10
21.0
KDZ 30B
30.000
31.570
34.000
10
10
23.0
KDZ 33B
33.000
34.950
37.000
10
10
25.0
KDZ 36B
36.000
39.240
40.000
10
10
27.0
(1)The Zener voltage (Vz) is measured 40ms after power is supplied.
(2)The operating resistances (Zz
、Zzk) are measured by superimposing a minute alternating current on the regulated current (Iz).
Zener voltage:Vz(V)
Reverse current:IR(μA)
Symbol
TYP.


Similar Part No. - KDZ15B

ManufacturerPart #DatasheetDescription
logo
Rohm
KDZ15B ROHM-KDZ15B Datasheet
135Kb / 5P
   Zener diode
KDZ15B ROHM-KDZ15B Datasheet
116Kb / 5P
   Zener diode
KDZ15B ROHM-KDZ15B Datasheet
116Kb / 5P
   Zener diode
KDZ15B ROHM-KDZ15B Datasheet
412Kb / 7P
   KDZ series
KDZ15B ROHM-KDZ15B Datasheet
116Kb / 5P
   Zener diode
More results

Similar Description - KDZ15B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com