Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2012SN Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMP2012SN
Description  P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2012SN Datasheet(HTML) 1 Page - Diodes Incorporated

  DMP2012SN Datasheet HTML 1Page - Diodes Incorporated DMP2012SN Datasheet HTML 2Page - Diodes Incorporated DMP2012SN Datasheet HTML 3Page - Diodes Incorporated DMP2012SN Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMP2012SN
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
D
G
S
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Lead Free By Design/RoHS Compliant (Note 2)
ESD Protected Gate
"Green" Device (Note 4)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SC-59
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
Moisture sensitivity: Level 1 per J-STD-020C
Terminals: Finish – Matte Tin annealed over Copper
leadframe. Solderable per MIL-STD-202, Method 208
Terminal Connections: See Diagram
Marking: See Last Page
Ordering & Date Code Information: See Last Page
Weight: 0.008 grams (approximate)
SC-59
Dim
Min
Max
A
0.30
0.50
B
1.40
1.80
C
2.50
3.00
D
0.85
1.05
E
0.30
0.70
G
1.70
2.10
H
2.70
3.10
J
0.10
K
1.00
1.40
L
0.55
0.70
M
0.10
0.35
α
0
°
8
°
All Dimensions in mm
Source
EQUIVALENT CIRCUIT
Gate
Protection
Diode
Gate
Drain
ESD protected
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±12
V
Drain Current (Note 1) Steady State
ID
-0.7
A
Pulsed Drain Current (Note 3)
IDM
-2.8
A
Total Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient
RθJA
250
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Notes:
1.
Device mounted on FR-4 PCB.
2.
No purposefully added lead.
3.
Pulse width
≤10μS, Duty Cycle ≤1%.
4.
Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DS30790 Rev. 2 - 2
1 of 4
www.diodes.com
DMP2012SN
© Diodes Incorporated
SPICE MODEL: DMP2012SN


Similar Part No. - DMP2012SN

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2012SN DIODES-DMP2012SN Datasheet
249Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP2012SN-7 DIODES-DMP2012SN-7 Datasheet
249Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP2012SN_0711 DIODES-DMP2012SN_0711 Datasheet
249Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DMP2012SN DIODES-DMP2012SN_15 Datasheet
150Kb / 5P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP2012SN

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
   P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
logo
Alpha & Omega Semicondu...
AO6403 AOSMD-AO6403 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6419 AOSMD-AO6419 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO7413 AOSMD-AO7413 Datasheet
114Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AOU403 AOSMD-AOU403 Datasheet
72Kb / 5P
   P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com