Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B330B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B330B
Description  3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B330B Datasheet(HTML) 1 Page - Diodes Incorporated

  B330B Datasheet HTML 1Page - Diodes Incorporated B330B Datasheet HTML 2Page - Diodes Incorporated B330B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B320B - B360B
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
Guard Ring Die Construction for Transient Protection
Ideally Suited for Automatic Assembly
Low Power Loss, High Efficiency
Surge Overload Rating to 125A Peak
For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Application
Lead Free Finish/RoHS Compliant (Note 4)
Mechanical Data
Case: SMB
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Lead Free Plating (Matte Tin Finish).
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: SMB 0.093 grams (approximate)
SMB
Dim
Min
Max
A
3.30
3.94
B
4.06
4.57
C
1.96
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.40
All Dimensions in mm
* Note: Device may have a semicircular indentation/notch
on one side of the device (as shown).
Maximum Ratings and Electrical Characteristics @T
A = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B320B
B330B
B340B
B350B
B360B
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
30
40
50
60
V
RMS Reverse Voltage
VR(RMS)
14
21
28
35
42
V
Average Rectified Output Current
@ TT =100C°
IO
3.0
A
Non-Repetitive Peak Forward Surge Current 8.3ms
single half sine-wave superimposed on rated load
IFSM
125
A
Forward Voltage (Note 3)
@ IF = 3.0A
VFM
0.50
0.70
V
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 3)
@ TA = 100°C
IRM
0.5
20
mA
Typical Capacitance (Note 2)
CT
200
pF
Typical Thermal Resistance, Junction to Terminal
RθJT
25
°C/W
Typical Thermal Resistance, Junction to Ambient (Note 1)
RθJA
95
°C/W
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Notes:
1.
Thermal Resistance: Junction to terminal, unit mounted on glass epoxy substrate with 2x3mm copper pad
2.
Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.
Short duration test pulse used to minimize self-heating effect.
4.
RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7.
DS30924 Rev. 2 - 2
1 of 3
www.diodes.com
B320B-B360B
© Diodes Incorporated
SPICE MODELS: B320B B330B B340B B350B B360B


Similar Part No. - B330B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B330B DIODES-B330B Datasheet
58Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13005 Rev. G-2
logo
Weitron Technology
B330B WEITRON-B330B Datasheet
188Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
B330B BILIN-B330B Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
B330B CTC-B330B Datasheet
71Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B330B WEITRON-B330B Datasheet
136Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
More results

Similar Description - B330B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B320 DIODES-B320_10 Datasheet
96Kb / 5P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
S5820 SUNMATE-S5820 Datasheet
272Kb / 2P
   3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B320 DIODES-B320_1 Datasheet
158Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
ES3A DIODES-ES3A Datasheet
46Kb / 2P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B340AQ DIODES-B340AQ Datasheet
412Kb / 6P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SUNMATE electronic Co.,...
SM5820B SUNMATE-SM5820B Datasheet
217Kb / 2P
   3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B360AM DIODES-B360AM Datasheet
449Kb / 5P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2015 Rev. 2 - 2
B370B DIODES-B370B Datasheet
108Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2012 Rev. 2 - 2
B320AQ DIODES-B320AQ Datasheet
464Kb / 6P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2018 Rev. 2 - 2
logo
Won-Top Electronics
SR32 WTE-SR32 Datasheet
48Kb / 3P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com