Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN5L06DMK-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN5L06DMK-7
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5L06DMK-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN5L06DMK-7 Datasheet HTML 1Page - Diodes Incorporated DMN5L06DMK-7 Datasheet HTML 2Page - Diodes Incorporated DMN5L06DMK-7 Datasheet HTML 3Page - Diodes Incorporated DMN5L06DMK-7 Datasheet HTML 4Page - Diodes Incorporated DMN5L06DMK-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DS30927 Rev. 2 - 2
3 of 5
DMN5L06DMK
www.diodes.com
T , CHANNEL TEMPERATURE (°C)
Fig. 3 Gate Threshold Voltage
vs. Channel Temperature
ch
0
-55
-25
0
25
50
75
100
125
150
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
= 10V
I= 1mA
Pulsed
DS
D
0.1
I
DRAIN CURRENT (A)
Fig. 4 Static Drain-Source On-Resistance
vs. Drain Current
D,
1
10
0.001
0.01
0.1
1
V
= 10V
Pulsed
GS
T = 150 C
A
°
T= -55 C
A
°
T= -25 C
A
°
T= 25 C
A
°
T= 125 C
A
°
T= 85 C
A
°
1
I , DRAIN CURRENT (A)
Fig. 5 Static Drain-Source On-Resistance
vs. Drain Current
D
10
0.1
1
0.001
0.01
0.1
V= 5V
Pulsed
GS
T= -55 C
A
°
T= 150 C
A
°
T= -25 C
A
°
T= 25 C
A
°
T = 125 C
A
°
T= 85 C
A
°
V
GATE SOURCE VOLTAGE (V)
Fig. 6 Static Drain-Source On-Resistance
vs. Gate-Source Voltage
GS,
0
0
20
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2
4
6
8
10
12
14
16
18
T= 25 C
Pulsed
A
°
I = 140mA
D
I = 280mA
D
T , CHANNEL TEMPERATURE ( C)
Fig. 7
ch
°
Static Drain-Source On-State Resistance
vs. Channel Temperature
-50
-25
0
25
50
75
100
125 150
0
1
2
3
V
= 10V
Pulsed
GS
I = 280mA
D
I = 140mA
D
0.001
0.01
0.1
0.5
0
1
1
V,
Fig. 8 Reverse Drain Current
vs. Source-Drain Voltage
SD SOURCE-DRAIN VOLTAGE (V)
V= 0V
Pulsed
GS
T= -55 C
A
°
T= 150 C
A
°
T= -25 C
A
°
T= 25 C
A
°
T= 85 C
A
°
T= 125 C
A
°


Similar Part No. - DMN5L06DMK-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06DMK-7 DIODES-DMN5L06DMK-7 Datasheet
276Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
More results

Similar Description - DMN5L06DMK-7

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com