Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LWE2010S Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LWE2010S
Description  NPN microwave power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LWE2010S Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LWE2010S Datasheet HTML 2Page - NXP Semiconductors LWE2010S Datasheet HTML 3Page - NXP Semiconductors LWE2010S Datasheet HTML 4Page - NXP Semiconductors LWE2010S Datasheet HTML 5Page - NXP Semiconductors LWE2010S Datasheet HTML 6Page - NXP Semiconductors LWE2010S Datasheet HTML 7Page - NXP Semiconductors LWE2010S Datasheet HTML 8Page - NXP Semiconductors LWE2010S Datasheet HTML 9Page - NXP Semiconductors LWE2010S Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1997 Feb 19
6
Philips Semiconductors
Product specification
NPN microwave power transistor
LWE2010S
List of components (see Fig.4)
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE NO.
L1
3 turns 0.2 mm copper wire with ferrite bead
int. dia. 2 mm
L2
5 turns 0.5 mm copper wire
int. dia. 2 mm
C1, C2
feedthrough bypass capacitor
Erie, ref. 1214-001
C3, C4
DC block capacitor
100 pF
Fig.5 Load power as a function of input power.
f = 2.3 GHz; VCE = 18 V; IC = 110 mA (regulated).
handbook, halfpage
0
1.2
0.8
0.4
0
0.05
0.1
Pi (W)
PL
(W)
0.2
MGA251
0.15


Similar Part No. - LWE2010S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LWE2015R PHILIPS-LWE2015R Datasheet
62Kb / 12P
   NPN microwave power transistor
1997 Feb 19
More results

Similar Description - LWE2010S

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NXP Semiconductors
LXE16350X PHILIPS-LXE16350X Datasheet
88Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LZ1418E100R PHILIPS-LZ1418E100R Datasheet
66Kb / 12P
   NPN microwave power transistor
1997 Feb 18
PZB16035U PHILIPS-PZB16035U Datasheet
67Kb / 12P
   NPN microwave power transistor
1997 Feb 18
RZ1214B35Y PHILIPS-RZ1214B35Y Datasheet
69Kb / 8P
   NPN microwave power transistor
1997 Feb 18
MX1011B700Y PHILIPS-MX1011B700Y Datasheet
91Kb / 12P
   NPN microwave power transistor
1997 Feb 18
LAE4002S PHILIPS-LAE4002S Datasheet
48Kb / 8P
   NPN microwave power transistor
1997 Feb 18
PVB42004X PHILIPS-PVB42004X Datasheet
64Kb / 8P
   NPN microwave power transistor
1997 Feb 19
PXB16050U PHILIPS-PXB16050U Datasheet
74Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LXE18300X PHILIPS-LXE18300X Datasheet
51Kb / 8P
   NPN microwave power transistor
1997 Feb 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com