Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM139N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM139N
Description  Quad voltage comparator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM139N Datasheet(HTML) 2 Page - NXP Semiconductors

  LM139N Datasheet HTML 1Page - NXP Semiconductors LM139N Datasheet HTML 2Page - NXP Semiconductors LM139N Datasheet HTML 3Page - NXP Semiconductors LM139N Datasheet HTML 4Page - NXP Semiconductors LM139N Datasheet HTML 5Page - NXP Semiconductors LM139N Datasheet HTML 6Page - NXP Semiconductors LM139N Datasheet HTML 7Page - NXP Semiconductors LM139N Datasheet HTML 8Page - NXP Semiconductors LM139N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
LM139/239/239A/339/339A
/LM2901/MC3302
Quad voltage comparator
2
1995 Nov 27
853-0930 16050
DESCRIPTION
The LM139 series consists of four independent precision voltage
comparators, with an offset voltage specification as low as 2.0mV
max for each comparator, which were designed specifically to
operate from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low
power supply current drain is independent of the magnitude of the
power supply voltage. These comparators also have a unique
characteristic in that the input common–mode voltage range
includes ground, even though they are operated from a single power
supply voltage.
The LM139 series was designed to directly interface with TTL and
CMOS. When operated from both plus and minus power supplies,
the LM139 series will directly interface with MOS logic where their
low power drain is a distinct advantage over standard comparators.
FEATURES
Wide single supply voltage range 2.0V
DC to 36VDC or dual
supplies
±1.0VDC to ±18VDC
Very low supply current drain (0.8mA) independent of supply
voltage (1.0mW/comparator at 5.0VDC)
Low input biasing current 25nA
Low input offset current ±5nA and offset voltage
Input common–mode voltage range includes ground
Differential input voltage range equal to the power supply voltage
Low output 250mV at 4mA saturation voltage
Output voltage compatible with TTL, DTL, ECL, MOS and CMOS
logic systems
APPLICATIONS
A/D converters
Wide range VCO
MOS clock generator
High voltage logic gate
Multivibrators
PIN CONFIGURATION
1
2
3
4
5
6
78
14
13
12
11
10
9
OUTPUT 2
OUTPUT 1
V+
INPUT 1 –
INPUT 1 +
OUTPUT 3
TOP VIEW
D, F, N Packages
INPUT 1 –
INPUT 1 +
OUTPUT 4
GND
INPUT 4 –
INPUT 3 +
INPUT 3 –
INPUT 4 +
1
23
4
SL00070
Figure 1. Pin Configuration
EQUIVALENT CIRCUIT
V +
100
µA
3.5
µA
3.5
µA
100
µA
Q1
Q2
Q3
Q4
Q8
Q7
Q6
Q5
– INPUT
OUTPUT
+ INPUT
(1 Comparator Only)
SL00071
Figure 2. Equivalent Circuit
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
14–Pin Ceramic Dual In-Line Package (Cerdip)
–55 to +125
°C
LM139F
0581B
14–Pin Plastic Dual In-Line Package (DIP)
–25
°C to +85°C
LM239AN
SOT27-1
14–Pin Plastic Dual In-Line Package (DIP)
–25
°C to +85°C
LM239N
SOT27-1
14–Pin Plastic Small Outline (SO) Package
–25
°C to +85°C
LM239D
SOT108-1
14–Pin Plastic Dual In-Line Package (DIP)
–40
°C to +125°C
LM2901N
SOT27-1
14–Pin Plastic Small Outline (SO) Package
–40
°C to +125°C
LM2901D
SOT108-1
14–Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM339AN
SOT27-1
14–Pin Plastic Small Outline (SO) Package
0 to +70
°C
LM339D
SOT108-1
14–Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
LM339N
SOT27-1
14–Pin Plastic Small Outline (SO) Package
–40
°C to +85°C
MC3302D
SOT108-1
14–Pin Ceramic Dual In-Line Package (Cerdip)
–40
°C to +85°C
MC3302F
0581B
14–Pin Plastic Dual In-Line Package (DIP)
–40
°C to +85°C
MC3302N
SOT27-1
14–Pin Plastic Dual In-Line Package (DIP)
–55 to +125
°C
LM139N
SOT27-1


Similar Part No. - LM139N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM139N STMICROELECTRONICS-LM139N Datasheet
163Kb / 10P
   LOWPOWER QUAD VOLTAGE COMPARATORS
logo
Texas Instruments
LM139N TI-LM139N Datasheet
518Kb / 19P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139N TI-LM139N Datasheet
587Kb / 23P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139N TI-LM139N Datasheet
743Kb / 25P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
LM139N TI1-LM139N Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
More results

Similar Description - LM139N

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL339 DAEWOO-DBL339 Datasheet
268Kb / 6P
   QUAD VOLTAGE COMPARATOR
logo
AUK corp
S339P AUK-S339P Datasheet
284Kb / 3P
   Quad Voltage Comparator
logo
Taiwan Semiconductor Co...
TS2901 TSC-TS2901 Datasheet
133Kb / 6P
   Quad Voltage Comparator
TS339 TSC-TS339 Datasheet
137Kb / 6P
   Quad Voltage Comparator
logo
AUK corp
S339 AUK-S339_1 Datasheet
297Kb / 4P
   Quad Voltage Comparator
S339P AUK-S339P_1 Datasheet
301Kb / 4P
   Quad Voltage Comparator
logo
HTC Korea TAEJIN Techno...
LM339 HTC-LM339_08 Datasheet
113Kb / 4P
   QUAD VOLTAGE COMPARATOR
LM339 HTC-LM339 Datasheet
132Kb / 4P
   QUAD VOLTAGE COMPARATOR
logo
NXP Semiconductors
AU2901 PHILIPS-AU2901 Datasheet
102Kb / 10P
   Quad voltage comparator
2001 Aug 03
logo
AUK corp
S339 AUK-S339 Datasheet
282Kb / 3P
   Quad Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com