Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1506 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1506
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1506 Datasheet(HTML) 3 Page - Anachip Corp

  AP1506_1 Datasheet HTML 1Page - Anachip Corp AP1506_1 Datasheet HTML 2Page - Anachip Corp AP1506_1 Datasheet HTML 3Page - Anachip Corp AP1506_1 Datasheet HTML 4Page - Anachip Corp AP1506_1 Datasheet HTML 5Page - Anachip Corp AP1506_1 Datasheet HTML 6Page - Anachip Corp AP1506_1 Datasheet HTML 7Page - Anachip Corp AP1506_1 Datasheet HTML 8Page - Anachip Corp AP1506_1 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.3 Oct 24, 2005
3/13
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
+24
V
VSD
ON
/OFF Pin Input Voltage
-0.3 to +18
V
VFB
Feedback Pin Voltage
-0.3 to +18
V
VOUT
Output Voltage to Ground
-1
V
PD
Power Dissipation
Internally limited
W
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Temperature
-40 to +125
oC
VOP
Operating Voltage
+4.5 to +22
V
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=18V for the 12V version. ILOAD = 0.5A
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-50
IFB
Feedback Bias Current
VFB=1.3V
(Adjustable version only)
-10
-100
nA
127
150
173
FOSC
Oscillator Frequency
110
173
KHz
FSCP
Oscillator Frequency of
Short Circuit Protect
When current limit occurred
and VFB < 0.5V, Ta=25
oC
10
30
50
KHz
1.6
VSAT
Saturation Voltage
IOUT=3A
No outside circuit
VFB=0V force driver on
1.4
1.7
V
Max. Duty Cycle (ON)
VFB=0V force driver on
100
DC
Min. Duty Cycle (OFF)
VFB=12V force driver off
0
%
5.5
ICL
Current Limit
Peak current
No outside circuit
VFB=0 force driver on
3.6
4.5
6.5
A
Output = 0V
No outside circuit
VFB=12 force driver off
-200
uA
IL
Output =-1V
Output
Leakage
Current
VIN=22V
-5
mA
IQ
Quiescent Current
VFB=12 force driver off
5
10
mA
150
ISTBY
Standby Quiescent
Current
ON
/OFF pin=5V
VIN=22V
70
200
uA
VIL
Low (regulator ON)
-
0.6
VIH
ON
/OFF Pin Logic Input
Threshold Voltage
High (regulator OFF)
2.0
1.3
-
V
IH
ON
/OFF Pin Logic
Input Current
VLOGIC=2.5V (OFF)
-0.01
IL
ON
/OFF Pin Input
Current
VLOGIC=0.5V (ON)
-0.1
-1
uA
TO220-5L
2.5
TO263-5L
3.5
θJC
Thermal Resistance
Junction to Case
PDIP-8L
12
oC/W
TO220-5L
28
TO263-5L
23
θJA
Thermal Resistance
Junction to Ambient
PDIP-8L
with copper area
of approximately
3 in
2
35
oC/W
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1506


Similar Part No. - AP1506_1

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1506-12K5 ANACHIP-AP1506-12K5 Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
AP1506-12K5A ANACHIP-AP1506-12K5A Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
AP1506-12K5L ANACHIP-AP1506-12K5L Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1506-12K5L-13 DIODES-AP1506-12K5L-13 Datasheet
230Kb / 13P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
AP1506-12K5L-U DIODES-AP1506-12K5L-U Datasheet
230Kb / 13P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
More results

Similar Description - AP1506_1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com