Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1506 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1506
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1506 Datasheet(HTML) 1 Page - Anachip Corp

  AP1506 Datasheet HTML 1Page - Anachip Corp AP1506 Datasheet HTML 2Page - Anachip Corp AP1506 Datasheet HTML 3Page - Anachip Corp AP1506 Datasheet HTML 4Page - Anachip Corp AP1506 Datasheet HTML 5Page - Anachip Corp AP1506 Datasheet HTML 6Page - Anachip Corp AP1506 Datasheet HTML 7Page - Anachip Corp AP1506 Datasheet HTML 8Page - Anachip Corp AP1506 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.3 Oct 24, 2005
1/13
Features
- Output voltage: 3.3V, 5V, 12V and adjustable
output version
- Adjustable version output voltage range, 1.23V to
18V+4%
- 150KHz +15% fixed switching frequency
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
- ON /OFF shutdown control input
- Operating voltage can be up to 22V
- Output load current: 3A
- TO220-5L, TO263-5L and PDIP-8 packages
- Low power standby mode
- Built-in switching transistor on chip
Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- Positive to negative converter
General Description
The AP1506 series are monolithic IC designed for a
step-down DC/DC converter, and own the ability of
driving a 3A load without external transistor. Due to
reducing the number of external component, the
board space can be saved easily. The external
shutdown function can be controlled by logic level
and then come into standby mode. The internal
compensation makes feedback control have good
line and load regulation without external design.
Regarding protected function, thermal shutdown is
to prevent over temperature operating from damage,
and current limit is to prevent over current operating
of the output switch.
If current limit function
occurred and VFB is down to 0.5V below, the
switching frequency will be reduced. The AP1506
series operate at a switching frequency of 150KHz
thus allowing smaller sized filter components than
what would be needed with lower frequency
switching regulators. Other features include a
guaranteed +4% tolerance on output voltage under
specified input voltage and output load conditions,
and +15% on the oscillator frequency. The output
version included fixed 3.3V, 5V, 12V, and an
adjustable type. The packages are available in a
standard 5-lead TO-220, a 5-lead TO-263 or 8-lead
PDIP.
Pin Assignments
TO220-5L
( Top View )
1 V
IN
5 SD
4 FB
3 GND
2 Output
( Top View )
TO263-5L
1 V
IN
5 SD
4 FB
3 GND
2 Output
Metal Tab GND
Output
FB
SD
GND
GND
GND
GND
1
3
2
4
8
6
7
5
PDIP-8L
(Top View)
V
IN
Pin Descriptions
Pin #
Pin
Name
TO
PDIP
Description
VIN
1
1
Operating voltage input
Output
2
2
Switching output
GND
3
5~8
Ground
FB
4
3
Output voltage feedback
control
SD
5
4
ON /OFF Shutdown
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1506


Similar Part No. - AP1506

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1506 ANACHIP-AP1506 Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1506 DIODES-AP1506 Datasheet
230Kb / 13P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
AP1506 DIODES-AP1506 Datasheet
176Kb / 14P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
DS31015 Rev. 7 - 2
AP1506 DIODES-AP1506 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1506-12K5 ANACHIP-AP1506-12K5 Datasheet
206Kb / 12P
   150KHz, 3A PWM Buck DC/DC Converter
More results

Similar Description - AP1506

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com