Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1516-33S Datasheet(PDF) 9 Page - Anachip Corp

Part # AP1516-33S
Description  150KHz, 3A PWM Buck DC/DC Converter 1A Ultra Low
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1516-33S Datasheet(HTML) 9 Page - Anachip Corp

Back Button AP1516-33S Datasheet HTML 2Page - Anachip Corp AP1516-33S Datasheet HTML 3Page - Anachip Corp AP1516-33S Datasheet HTML 4Page - Anachip Corp AP1516-33S Datasheet HTML 5Page - Anachip Corp AP1516-33S Datasheet HTML 6Page - Anachip Corp AP1516-33S Datasheet HTML 7Page - Anachip Corp AP1516-33S Datasheet HTML 8Page - Anachip Corp AP1516-33S Datasheet HTML 9Page - Anachip Corp AP1516-33S Datasheet HTML 10Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AP1516
150KHz, 3A PWM Buck DC/DC Converter + 1A Ultra Low
Drop Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.1 May 23, 2005
9/10
Function Description (Continued)
Since the minimum load current requirement of the
channel 2 is 10mA, R1 is typically selected to be a
121Ω resistor so that it automatically satisfies this
condition. Notice that since the IFB2 is typically in
the range of 50uA it only adds a small error to the
output voltage and should be considered when very
precise output voltage setting is required.
Load Regulation
Since the channel 2 has separate pins for the
output (VOUT2) and the sense (VSENSE2), it is ideal for
providing true remote sensing of the output voltage
at the load. This means that the voltage drops due
to parasitic resistance such as PCB traces between
the regulator and the load are compensated for
using remote sensing. Figure following shows a
typical application of the channel 2 with remote
sensing.
Channel 2-ADJ
Vin3
Vin2
Vin3
Vin2
Vout2
Vsense2
FB2
R1
R2
R
L
Stability
The channel 2 requires the use of an output
capacitor as part of the frequency compensation in
order to make the regulator stable. Typical designs
for the microprocessor applications use standard
electrolytic capacitors with typical ESR in the range
of 50 to 100mΩ and an output capacitance of
100uF to 1000uF. Fortunately as the capacitance
increases, the ESR decreases resulting in a fixed
RC time constant. The channel 2 takes advantage
of the phenomena in making the overall regulator
loop stable.
For most applications a minimum of 100uF
aluminum
electrolytic
capacitor
insures
both
stability and good transient response.
Thermal Considerations
The SOP-16 package needs a heat sink under
most conditions. The size of the heatsink depends
on the input voltage, the output voltage, the load
current and the ambient temperature. The AP1516
junction
temperature
rises
above
ambient
temperature for a 3A load and different input and
output voltages.
For the best thermal performance, wide copper
traces and generous amounts of printed circuit
board copper should be used in the board layout.
(Once exception to this is the output (switch) pin,
which should not have large areas of copper.)
Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding
air, and moving air lowers the thermal resistance
even further.
Package
thermal
resistance
and
junction
temperature rise numbers are all approximate, and
there are many factors that will affect these
numbers.
Some of these factors include board
size, shape, thickness, position, location, and even
board temperature. Other factors are, trace width,
total printed circuit copper area, copper thickness,
single or double-sided, multi-layer board and the
amount of solder on the board.
The effectiveness of the PC board to dissipate heat
also depends on the size, quantity and spacing of
other components on the board, as well as whether
the surrounding air is still or moving. Furthermore,
some of these components such as the catch diode
will add heat to the PC board and the heat can vary
as the input voltage changes. For the inductor,
depending on the physical size, type of core
material and the DC resistance, it could either act
as a heat sink taking heat away from the board, or
it could add heat to the board.


Similar Part No. - AP1516-33S

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1510 ANACHIP-AP1510 Datasheet
179Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510 Datasheet
264Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 1
AP1510 DIODES-AP1510 Datasheet
270Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 Rev. 7
AP1510 DIODES-AP1510 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1510 DIODES-AP1510 Datasheet
567Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
Rev. 8 - 2 December 2017
More results

Similar Description - AP1516-33S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com