Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1512A-33K5 Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1512A-33K5
Description  50KHz, 2A/3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1512A-33K5 Datasheet(HTML) 3 Page - Anachip Corp

  AP1512A-33K5 Datasheet HTML 1Page - Anachip Corp AP1512A-33K5 Datasheet HTML 2Page - Anachip Corp AP1512A-33K5 Datasheet HTML 3Page - Anachip Corp AP1512A-33K5 Datasheet HTML 4Page - Anachip Corp AP1512A-33K5 Datasheet HTML 5Page - Anachip Corp AP1512A-33K5 Datasheet HTML 6Page - Anachip Corp AP1512A-33K5 Datasheet HTML 7Page - Anachip Corp AP1512A-33K5 Datasheet HTML 8Page - Anachip Corp AP1512A-33K5 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP1512/A
50KHz, 2A/3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct. 14, 2005
3/12
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
+63
V
VSD
ON/OFF Pin input voltage
-0.3 to +40
V
VFB
Feedback Pin voltage
-0.3 to +40
V
VOUT
Output voltage to Ground
-1
V
PD
Power dissipation
Internally limited
W
TST
Storage temperature
-65 to +150
oC
TOP
Operating temperature
-40 to +125
oC
VOP
Operating voltage
+4.5 to +60
V
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, VIN=30V for all version. ILOAD = 0.5A
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
8
IB
Feedback bias current
VFB=1.3V
(Adjustable version only)
5
10
µA
42.5
50
57.5
FOSC
oscillator frequency
40
60
KHz
1.4
VSAT
saturation voltage
IOUT=2A
no outside circuit
VFB=0V force driver on
1.3
1.5
V
Max. Duty Cycle(ON)
VFB=0V force driver on
100
DC
Min. Duty cycle(OFF)
VFB=12V force driver off
0
%
4.5
ICL
current limit for AP1512
peak current
no outside circuit
VFB=0V force driver on
2.5
3
5.5
A
5
ICL
current limit for AP1512A
peak current
no outside circuit
VFB=0V force driver on
3.2
4
6
A
Output = 0
no outside circuit
VFB=12V force driver off
-250
uA
IL
Output = -1
Output
leakage
current
VIN=60V
-2
-60
mA
IQ
Quiescent Current
VFB=12V force driver off
5
10
mA
450
ISTBY
Standby Quiescent
Current
ON/OFF pin=5V
VIN=60V
350
500
uA
VIL
Low (regulator ON)
-
0.6
VIH
ON/OFF pin logic input
threshold voltage
High (regulator OFF)
2.0
1.3
-
V
IH
ON/OFF pin logic
input current
VLOGIC=2.5V (OFF)
0
-5
IL
ON/OFF pin input current VLOGIC=0.5V (ON)
-0.8
-10
uA
TO220-5L
2.5
θJC
Thermal Resistance
TO263-5L
Junction to
case
3.5
oC/W
TO220-5L
28
θJA
Thermal Resistance
With copper area of
approximately 3 in
2
TO263-5L
Junction to
ambient
23
oC/W


Similar Part No. - AP1512A-33K5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512A-33K5L-13 DIODES-AP1512A-33K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-33K5L-13 DIODES-AP1512A-33K5L-13 Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-33K5L-13 DIODES-AP1512A-33K5L-13 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
AP1512A-33K5L-U DIODES-AP1512A-33K5L-U Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-33K5L-U DIODES-AP1512A-33K5L-U Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - AP1512A-33K5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512A-K5L-13 DIODES-AP1512A-K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512 DIODES-AP1512 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
AP1512-50K5L-13 DIODES-AP1512-50K5L-13 Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_15 Datasheet
227Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
P3576 UTC-P3576 Datasheet
209Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com