Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1501-50T5L Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1501-50T5L
Description  150Khz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501-50T5L Datasheet(HTML) 1 Page - Anachip Corp

  AP1501-50T5L Datasheet HTML 1Page - Anachip Corp AP1501-50T5L Datasheet HTML 2Page - Anachip Corp AP1501-50T5L Datasheet HTML 3Page - Anachip Corp AP1501-50T5L Datasheet HTML 4Page - Anachip Corp AP1501-50T5L Datasheet HTML 5Page - Anachip Corp AP1501-50T5L Datasheet HTML 6Page - Anachip Corp AP1501-50T5L Datasheet HTML 7Page - Anachip Corp AP1501-50T5L Datasheet HTML 8Page - Anachip Corp AP1501-50T5L Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1501
150Khz, 3A PWM Buck DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev.1.2 Aug. 23, 2005
1/12
Features
- Output voltage: 3.3V, 5V, 12V and adjustable
output version
- Adjustable version output voltage range, 1.23V to
37V+4%
- 150Khz +15% fixed switching frequency
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
- ON/OFF shutdown control input
- Operating voltage can be up to 40V
- Output load current: 3A
- TO220-5L TO220-5L(R) and TO263-5L packages
- Low power standby mode
- Built-in switching transistor on chip
Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- Positive to negative converter
General Description
The AP1501 series are monolithic IC that design for
a step-down DC/DC converter, and own the ability
of driving a 3A load without additional transistor
component. Due to reducing the number of external
component, the board space can be saved easily.
The external shutdown function can be controlled
by logic level and then come into standby mode.
The internal compensation makes feedback control
have good line and load regulation without external
design. Regarding protected function, thermal
shutdown is to prevent over temperature operating
from damage, and current limit is against over
current operating of the output switch. The AP1501
series operates at a switching frequency of 150KHz
thus allowing smaller sized filter components than
what would be needed with lower frequency
switching regulators. Other features include a
guaranteed +4% tolerance on output voltage under
specified input voltage and output load conditions,
and +15% on the oscillator frequency. The output
version included fixed 3.3V, 5V, 12V, and an
adjustable type. The packages are available in a
standard 5-lead TO-220 package and a 5-lead
TO-263.
Pin Assignments
TO220-5L
( Top View )
( Top View )
TO263-5L
1 V
IN
5 SD
4 FB
3 Gnd
2 Output
Metal Tab GND
1 V
IN
5 SD
4 FB
3 Gnd
2 Output
Pin Descriptions
Name
Description
VIN
Operating voltage input
Output
Switching output
Gnd
Ground
FB
Output voltage feedback control
SD
ON/OFF shutdown
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1501
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1501


Similar Part No. - AP1501-50T5L

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501-50T5L ANACHIP-AP1501-50T5L Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50T5L13 DIODES-AP1501-50T5L13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501-50T5LA ANACHIP-AP1501-50T5LA Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50T5LU DIODES-AP1501-50T5LU Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - AP1501-50T5L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com