Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1512A-50K5 Datasheet(PDF) 6 Page - Anachip Corp

Part # AP1512A-50K5
Description  50KHz, 2A/3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1512A-50K5 Datasheet(HTML) 6 Page - Anachip Corp

Back Button AP1512A-50K5 Datasheet HTML 2Page - Anachip Corp AP1512A-50K5 Datasheet HTML 3Page - Anachip Corp AP1512A-50K5 Datasheet HTML 4Page - Anachip Corp AP1512A-50K5 Datasheet HTML 5Page - Anachip Corp AP1512A-50K5 Datasheet HTML 6Page - Anachip Corp AP1512A-50K5 Datasheet HTML 7Page - Anachip Corp AP1512A-50K5 Datasheet HTML 8Page - Anachip Corp AP1512A-50K5 Datasheet HTML 9Page - Anachip Corp AP1512A-50K5 Datasheet HTML 10Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP1512/A
50KHz, 2A/3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct. 14, 2005
6/12
Typical Performance Characteristics (Continued)
AP1512 Frequency v.s. Temperature
(Vcc=12V, Io=1A, Vout=5V)
40
45
50
55
60
-50 -30 -10 10 30 50 70 90 110 130 150
Temperature (TA) (°C)
AP1512 Current Limit v.s. Temperature
(Vcc=60V, Vout=5V)
2.8
3
3.2
3.4
3.6
-50
0
50
100
150
Temperature (TA) (°
AP1512 Quiescent Current v.s. Supply Voltage
(force driver off)
5.2
5.4
5.6
5.8
6
6.2
0
12
24
364860
Supply Voltage(V)


Similar Part No. - AP1512A-50K5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512A-50K5L-13 DIODES-AP1512A-50K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-50K5L-13 DIODES-AP1512A-50K5L-13 Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-50K5L-13 DIODES-AP1512A-50K5L-13 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
AP1512A-50K5L-U DIODES-AP1512A-50K5L-U Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512A-50K5L-U DIODES-AP1512A-50K5L-U Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - AP1512A-50K5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1512A-K5L-13 DIODES-AP1512A-K5L-13 Datasheet
222Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
AP1512 DIODES-AP1512 Datasheet
283Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
May 2019
AP1512-50K5L-13 DIODES-AP1512-50K5L-13 Datasheet
228Kb / 12P
   50KHz, 2A/3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_15 Datasheet
227Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
P3576 UTC-P3576 Datasheet
209Kb / 6P
   50KHz, 2A PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1509 DIODES-AP1509_18 Datasheet
317Kb / 12P
   2A PWM BUCK DC-DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com