Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1501-12T5RLA Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1501-12T5RLA
Description  150Khz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501-12T5RLA Datasheet(HTML) 3 Page - Anachip Corp

  AP1501-12T5RLA Datasheet HTML 1Page - Anachip Corp AP1501-12T5RLA Datasheet HTML 2Page - Anachip Corp AP1501-12T5RLA Datasheet HTML 3Page - Anachip Corp AP1501-12T5RLA Datasheet HTML 4Page - Anachip Corp AP1501-12T5RLA Datasheet HTML 5Page - Anachip Corp AP1501-12T5RLA Datasheet HTML 6Page - Anachip Corp AP1501-12T5RLA Datasheet HTML 7Page - Anachip Corp AP1501-12T5RLA Datasheet HTML 8Page - Anachip Corp AP1501-12T5RLA Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP1501
150Khz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Aug. 23, 2005
3/12
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
+45
V
VSD
ON/OFF Pin input Voltage
-0.3 to +40
V
VFB
Feedback Pin Voltage
-0.3 to +40
V
VOUT
Output Voltage to Ground
-1
V
PD
Power Dissipation
Internally limited
W
TST
Storage Temperature
-65 to +150
oC
TOP
Operating Temperature
-40 to +125
oC
VOP
Operating Voltage
+4.5 to +40
V
Electrical Characteristics (All Output Voltage Versions)
Unless otherwise specified, VIN=12V for 3.3V, 5V, adjustable version and VIN=24V for the 12V version. ILOAD = 0.5A
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
60
IFB
Feedback Bias Current
VFB=1.3V
(Adjustable version only)
40
100
nA
127
150
173
FOSC
Oscillator Frequency
110
173
Khz
1.4
VSAT
Saturation Voltage
IOUT=3A
no outside circuit
VFB=0V force driver on
1.3
1.5
V
Max. Duty Cycle(ON)
VFB=0V force driver on
100
DC
Min. Duty cycle(OFF)
VFB=12V force driver off
0
%
5.5
ICL
Current Limit
peak current
no outside circuit
VFB=0V force driver on
3.6
4.0
6.5
A
Output = 0
no outside circuit
VFB=12V force driver off
200
uA
IL
Output = -1
Output
Leakage
Current
VIN=40V
2
60
mA
IQ
Quiescent Current
VFB=12V force driver off
5
10
mA
250
ISTBY
Standby Quiescent
Current
ON/OFF pin=5V
VIN=40V
150
300
uA
VIL
Low (regulator ON)
0.6
VIH
ON/OFF pin Logic Input
Threshold Voltage
High (regulator OFF)
2.0
1.3
V
IH
ON/OFF Pin Logic
Input Current
VLOGIC=2.5V (OFF)
15
25
IL
ON/OFF Pin Input
Current
VLOGIC=0.5V (ON)
0.02
5
uA
TO220-5L
2.5
θJC
Thermal Resistance
TO263-5L
Junction to
Case
3.5
oC/W
TO220-5L
28
θJA
Thermal Resistance
with Copper area of
Approximately 3 in
2
TO263-5L
Junction to
Ambient
23
oC/W
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1501
This Anachip version datasheet is replaced
with Diodes Inc. datasheet AP1501


Similar Part No. - AP1501-12T5RLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501-12T5RLA ANACHIP-AP1501-12T5RLA Datasheet
129Kb / 7P
   150 KHZ 3A PWM BUCK DC/DC CONVERTER
More results

Similar Description - AP1501-12T5RLA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com