Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH375N-WL Datasheet(PDF) 1 Page - Anachip Corp

Part # AH375N-WL
Description  Single Phase Hall Effect Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH375N-WL Datasheet(HTML) 1 Page - Anachip Corp

  AH375N-WL Datasheet HTML 1Page - Anachip Corp AH375N-WL Datasheet HTML 2Page - Anachip Corp AH375N-WL Datasheet HTML 3Page - Anachip Corp AH375N-WL Datasheet HTML 4Page - Anachip Corp AH375N-WL Datasheet HTML 5Page - Anachip Corp AH375N-WL Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AH266
High Voltage Hall Effect Latch
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.2 Jan 19, 2005
1/6
Features
- On-chip Hall plate
- Operating voltage: 4V~28V
- Output current: 400mA(Continuous, 25
oC)
- Reverse protection diode only for chip reverse
power connecting (Note)
- Output protection Zener breakdown Vz=62V(Typ)
- Package: SIP-4L
(Note)
Protection diode only exists at power pin(1,4) output, not
including pin (2,3).
Application
- Dual-coil Brush-less DC Motor
- Dual-coil Brush-less DC Fan
- Revolution Counting
- Speed Measurement
Pin Assignment
1. VCC
2. DO
4. GND
3. DOB
General Description
AH266 is an integrated Hall sensor with output
drivers designed for electronic commutation of
brush-less DC motor applications. The device
includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the
Hall voltage, and a Schmitt trigger to provide
switching hysteresis for noise rejection, and
complementary darlington open-collector drivers for
sinking large current loads. An internal bandgap
regulator
is
used
to
provide
temperature
compensated supply voltage for internal circuits and
allows a wide operating supply range.
If a magnetic flux density (B) is larger than operate
point (Bop), DO turn on (low) and DOB turn off
(high). The outputs state is latched prior to reach
release point (Brp). if B< Brp, DO turn off and DOB
turn on. AH266 is rated for operation over
temperature range from -20
oC to 85 oC and voltage
range from 4V to 28V. The devices are available in
low cost die forms or rugged 4 pin SIP packages.
Pin Configuration
Name
Description
VCC
Positive Power Supply
DO
Output Pin
DOB
Output Pin
GND
Ground
Ordering Information
AH266 X -X X X -X
Packing
Blank : Tube
A : Taping
P: SIP-4L
Package
Lead
L : Lead Free
Blank: Normal
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
A or B


Similar Part No. - AH375N-WL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH375NPLA ANACHIP-AH375NPLA Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
AH375NWLA ANACHIP-AH375NWLA Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
More results

Similar Description - AH375N-WL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH375-WLA DIODES-AH375-WLA Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477 BCDSEMI-AH477 Datasheet
54Kb / 2P
   SINGLE PHASE HALL EFFECT LATCH
AH477 BCDSEMI-AH477_09 Datasheet
588Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH477A DIODES-AH477A Datasheet
847Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
AH375-WL-7 DIODES-AH375-WL-7 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH477A BCDSEMI-AH477A Datasheet
590Kb / 10P
   SINGLE PHASE HALL EFFECT LATCH
logo
Diodes Incorporated
AH375 DIODES-AH375 Datasheet
183Kb / 9P
   SINGLE PHASE HALL EFFECT LATCH
logo
Anachip Corp
AH375 ANACHIP-AH375 Datasheet
196Kb / 6P
   Single Phase Hall Effect Latch
logo
Diodes Incorporated
AH374 DIODES-AH374 Datasheet
520Kb / 12P
   SINGLE PHASE HALL EFFECT LATCH
AH5798_1006 DIODES-AH5798_1006 Datasheet
202Kb / 11P
   SINGLE PHASE HALL EFFECT LATCH SMART
DS32001 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com