Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR20U40CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR20U40CT
Description  20A SBR Super Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20U40CT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR20U40CT Datasheet HTML 1Page - Diodes Incorporated SBR20U40CT Datasheet HTML 2Page - Diodes Incorporated SBR20U40CT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SBR20U40 Rev. 2
2 of 3
www.diodes.com
January 2007
© Diodes Incorporated
SBR20U40CT
SBR20U40CTFP
0
5
10
0
25
50
75
100
125
150
TC CASE TEMPERATURE (°C)
0.1
1
10
100
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Tj=25
°C
Tj=125
°C
Tj=150
°C
Tj=75
°C
Figure 1: Current Derating Curve, Per Element
Figure 2: Typical Forward Characteristics, Per Element
0.1
1
10
100
0
10
20
30
40
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
Tj=150
°C
Tj=25
°C
Tj=125
°C
Tj=75
°C
Figure 3: Typical Reverse Characteristics, Per Element
Package Outline Drawings
TO-220AB
ITO-220AB
TO-220AB
DIM.
MIN.
MAX.
A
4.47
4.67
b
0.71
0.91
b1
1.17
1.37
c
0.31
0.53
D
14.65
15.35
D1
8.50
8.90
E
10.01
10.31
e
2.54 typ
e1
4.98
5.18
F
1.17
1.37
J1
2.52
2.82
L
13.40
13.80
L1
3.56
3.96
ØP
3.735
3.935
Q
2.59
2.89
All Dimensions in Millimeters
ITO-220AB
DIM.
MIN.
MAX.
A
4.30
4.70
b
0.50
0.75
b1
1.10
1.35
b2
1.50
1.75
c
0.50
0.75
D
14.80
15.20
E
9.96
10.36
e
2.54 typ
F
2.80
3.20
J1
2.50
2.90
L
12.80
13.60
L1
1.70
1.90
ØP
3.50 typ
Q
2.70 typ
All Dimensions in Millimeters


Similar Part No. - SBR20U40CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U40CT DIODES-SBR20U40CT Datasheet
164Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U40CT-G DIODES-SBR20U40CT-G Datasheet
164Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U40CTFP DIODES-SBR20U40CTFP Datasheet
164Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U40CTFP-G DIODES-SBR20U40CTFP-G Datasheet
164Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U40CTFP-JT DIODES-SBR20U40CTFP-JT Datasheet
164Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results

Similar Description - SBR20U40CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U150CT DIODES-SBR20U150CT Datasheet
160Kb / 4P
   20A SBR Super Barrier Rectifier
SBR20U150CT Rev. 3
SBR20150CT DIODES-SBR20150CT Datasheet
177Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20150 Rev. 2
SBR20A100CT DIODES-SBR20A100CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A100 Rev. 2
SBR20A60CT DIODES-SBR20A60CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A60 Rev. 2
SBR20M45D1 DIODES-SBR20M45D1 Datasheet
302Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
SBR2060CTI DIODES-SBR2060CTI Datasheet
491Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2065D1 DIODES-SBR2065D1 Datasheet
429Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A45D1 DIODES-SBR20A45D1 Datasheet
409Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
January 2017 Rev.3 - 2
SBR20A60CT DIODES-SBR20A60CT_11 Datasheet
151Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A200CT DIODES-SBR20A200CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A200 Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com