Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1501A-33K5LA Datasheet(PDF) 8 Page - Anachip Corp

Part # AP1501A-33K5LA
Description  150Khz, 5A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501A-33K5LA Datasheet(HTML) 8 Page - Anachip Corp

Back Button AP1501A-33K5LA Datasheet HTML 4Page - Anachip Corp AP1501A-33K5LA Datasheet HTML 5Page - Anachip Corp AP1501A-33K5LA Datasheet HTML 6Page - Anachip Corp AP1501A-33K5LA Datasheet HTML 7Page - Anachip Corp AP1501A-33K5LA Datasheet HTML 8Page - Anachip Corp AP1501A-33K5LA Datasheet HTML 9Page - Anachip Corp AP1501A-33K5LA Datasheet HTML 10Page - Anachip Corp AP1501A-33K5LA Datasheet HTML 11Page - Anachip Corp AP1501A-33K5LA Datasheet HTML 12Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AP1501A
150Khz, 5A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.2 Aug 23, 2005
8/12
Function Description
Pin Functions
+VIN
This is the positive input supply for the IC switching
regulator. A suitable input bypass capacitor must be
present at this pin to minimize voltage transients
and to supply the switching currents needed by the
regulator.
Ground
Circuit ground.
Output
Internal switch. The voltage at this pin switches
between (+VIN – VSAT) and approximately – 0.5V,
with a duty cycle of approximately VOUT / VIN. To
minimize coupling to sensitive circuitry, the PC
board copper area connected to this pin should be
kept a minimum.
Feedback
Senses the regulated output voltage to complete
the feedback loop.
ON /OFF
Allows the switching regulator circuit to be
shutdown using logic level signals thus dropping
the total input supply current to approximately
150uA. Pulling this pin below a threshold voltage of
approximately 1.3V turns the regulator on, and
pulling this pin above 1.3V (up to a maximum of
40V) shuts the regulator down. If this shutdown
feature is not needed, the ON /OFF pin can be
wired to the ground pin or it can be left open, in
either case the regulator will be in the ON condition.
Thermal Considerations
The AP1501A is available in two packages, a 5-pin
TO-220 and a 5-pin surface mount TO-263.
The TO-220 package needs a heat sink under most
conditions. The size of the heatsink depends on the
input voltage, the output voltage, the load current
and the ambient temperature. The AP1501A
junction
temperature
rises
above
ambient
temperature for a 5A load and different input and
output voltages. The data for these curves was
taken with the AP1501A (TO-220 package)
operating as a buck switching regulator in an
ambient temperature of 25
oC (still air). These
temperature rise numbers are all approximate and
there are many factors that can affect these
temperatures. Higher ambient temperatures require
more heat sinking.
The TO-263 surface mount package tab is
designed to be soldered to the copper on a printed
circuit board. The copper and the board are the
heat sink for this package and the other heat
producing components, such as the catch diode
and inductor. The PC board copper area that the
package is soldered to should be at least 0.8 in
2,
and ideally should have 2 or more square inches of
2 oz. Additional copper area improves the thermal
characteristics, but with copper areas greater than
approximately 6 in
2, only small improvements in
heat dissipation are realized. If further thermal
improvements are needed, double sided, multilayer
PC board with large copper areas and/or airflow are
recommended.
The
AP1501A
(TO-263
package)
junction
temperature rise above ambient temperature with a
2A load for various input and output voltages. This
data was taken with the circuit operating as a buck
switching regulator with all components mounted on
a PC board to simulate the junction temperature
under actual operating conditions. This curve can
be used for a quick check for the approximate
junction temperature for various conditions, but be
aware that there are many factors that can affect
the junction temperature.
When load currents
higher than 3A are used, double sided or multilayer
PC boards with large copper areas and/or airflow
might be needed, especially for high ambient
temperatures and high output voltages.
For the best thermal performance, wide copper
traces and generous amounts of printed circuit
board copper should be used in the board layout.
(Once exception to this is the output (switch) pin,
which should not have large areas of copper.)
Large areas of copper provide the best transfer of
heat (lower thermal resistance) to the surrounding
air, and moving air lowers the thermal resistance
even further.


Similar Part No. - AP1501A-33K5LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A-33K5LA ANACHIP-AP1501A-33K5LA Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
More results

Similar Description - AP1501A-33K5LA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
182Kb / 11P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
   150KHz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com