Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR20U60CT Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR20U60CT
Description  20A SBR Super Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20U60CT Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR20U60CT Datasheet HTML 1Page - Diodes Incorporated SBR20U60CT Datasheet HTML 2Page - Diodes Incorporated SBR20U60CT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SBR20U60CT
SBR20U60CTFP
20A SBR
®
Super Barrier Rectifier
Features
Mechanical Data
Case Material: Molded Plastic, UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Matte Tin Finish annealed over
Copper leadframe. Solderable per MIL-STD-202,
Method 208
Marking: See Page 3
Ordering Information: See Page 3
Low Forward Voltage Drop
Excellent High Temperature Stability
Super Barrier Design
Soft, Fast Switching Capability
Molded Plastic TO-220AB,
and ITO-220AB packages
Lead Free Finish, RoHS Compliant (Note 2)
Maximum Ratings @ TA = 25ºC unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
60
V
RMS Reverse Voltage
VR(RMS)
42
V
Average Rectified Output Current @ TC = 110ºC
IO
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
200
A
Peak Repetitive Reverse Surge Current (2uS-1Khz)
IRRM
3
A
Maximum Thermal Resistance (per leg)
Package = TO-220AB
Package = ITO-220AB
RӨJC
2
4
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
ºC
Electrical Characteristics @ TA = 25ºC unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
60
-
-
V
IR = 0.5 mA
Forward Voltage Drop
VF
-
-
0.45
-
0.57
0.47
0.71
V
IF = 10A, TJ = 25ºC
IF = 10A,TJ = 125ºC
IF = 20A, TJ = 25ºC
Leakage Current (Note 1)
IR
-
-
0.5
100
mA
VR = 60V, TJ = 25 ºC
VR = 60V, TJ = 125 ºC
Notes:
1. Short duration pulse test used to minimize self-heating effect.
2. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7.
__________
SBR is a registered trademark of Diodes Incorporated.
SBR20U60 Rev. 2
1 of 3
www.diodes.com
January 2007
© Diodes Incorporated


Similar Part No. - SBR20U60CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U60CT DIODES-SBR20U60CT Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U60CT-G DIODES-SBR20U60CT-G Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U60CTFP DIODES-SBR20U60CTFP Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U60CTFP-G DIODES-SBR20U60CTFP-G Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20U60CTFP-JT DIODES-SBR20U60CTFP-JT Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results

Similar Description - SBR20U60CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U150CT DIODES-SBR20U150CT Datasheet
160Kb / 4P
   20A SBR Super Barrier Rectifier
SBR20U150CT Rev. 3
SBR20150CT DIODES-SBR20150CT Datasheet
177Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20150 Rev. 2
SBR20A100CT DIODES-SBR20A100CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A100 Rev. 2
SBR20A60CT DIODES-SBR20A60CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A60 Rev. 2
SBR20M45D1 DIODES-SBR20M45D1 Datasheet
302Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2040CT DIODES-SBR2040CT Datasheet
179Kb / 3P
   20A SBR Super Barrier Rectifier
SBR2040 Rev. 2
SBR2060CTI DIODES-SBR2060CTI Datasheet
491Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR2065D1 DIODES-SBR2065D1 Datasheet
429Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A45D1 DIODES-SBR20A45D1 Datasheet
409Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
January 2017 Rev.3 - 2
SBR20A60CT DIODES-SBR20A60CT_11 Datasheet
151Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
SBR20A200CT DIODES-SBR20A200CT Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A200 Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com