Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH373Q-WL Datasheet(PDF) 4 Page - Anachip Corp

Part # AH373Q-WL
Description  Internal Pull-up Hall Effect Latch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH373Q-WL Datasheet(HTML) 4 Page - Anachip Corp

  AH373Q-WL Datasheet HTML 1Page - Anachip Corp AH373Q-WL Datasheet HTML 2Page - Anachip Corp AH373Q-WL Datasheet HTML 3Page - Anachip Corp AH373Q-WL Datasheet HTML 4Page - Anachip Corp AH373Q-WL Datasheet HTML 5Page - Anachip Corp AH373Q-WL Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AH266
High Voltage Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev 0.2 Jan 19, 2005
4/6
Magnetic Characteristics (Ta=+25oC)
(1mT = 10 Gauss)
A grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
10
-
70
Gauss
Release Point
Brp
-70
-
-10
Gauss
Hysteresis
Bhy
-
80
-
Gauss
B grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
-
-
100
Gauss
Release Point
Brp
-100
-
-
Gauss
Hysteresis
Bhy
-
80
-
Gauss
0
0
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
DO
DOB
Bop
Bop
Brp
Brp
Bhy
Turn on
Turn off
Bhy
Turn off
Turn on
Vsat
Vsat
Performance Characteristics (SIP-4L)
Ta (
°C)
25
50
60
70
80
85
90
95
100
Pd (mW)
550
440
396
352
308
286
264
242
220
Ta (
°C)
105
110
115
120
125
130
135
140
150
Pd (mW)
198
176
154
132
110
88
66
44
0
Power Dissipation Curve
0
100
200
300
400
500
600
0
15
30
45
60
75
90
105
120
135
150
Ta (。C)
Pd (mW )
85


Similar Part No. - AH373Q-WL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
logo
Anachip Corp
AH373-P ANACHIP-AH373-P Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH373-PA ANACHIP-AH373-PA Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH373-PG-A DIODES-AH373-PG-A Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
More results

Similar Description - AH373Q-WL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
   Internal Pull-up Hall Effect Latch
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
   Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH372 DIODES-AH372 Datasheet
528Kb / 12P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH373 DIODES-AH373 Datasheet
184Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
   Internal Pull-up Hall Effect Latch For High Temperature
logo
Diodes Incorporated
AH173 DIODES-AH173 Datasheet
123Kb / 9P
   INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE
AH173 Rev. 4
logo
Taiwan Semiconductor Co...
TSH193 TSC-TSH193 Datasheet
437Kb / 8P
   Pull-up Resistor Integrated Hall Effect Latch
logo
Diodes Incorporated
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
   HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
   HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com