Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR40U100PT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SBR40U100PT
Description  Super barrier rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SBR40U100PT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SBR40U100PT Datasheet HTML 1Page - List of Unclassifed Manufacturers SBR40U100PT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
_
_
SBR40U100PT
Figure 1: Typical Reverse Current (per leg)
Figure 2: Typical Forward Voltage (per leg)
Figure 3: Current Derating, Case (per leg)
______________________________________________________________________________________________
www.apdsemi.com
Version 1.0 - August 2006
2
APD SEMICONDUCTOR reserves the right to make changes without further notice to any products herein. APD SEMICONDUCTOR makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does APD SEMICONDUCTOR assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in APD SEMICONDUCTOR data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. APD SEMICONDUCTOR does not convey any license
under its patent rights nor the rights of others. APD SEMICONDUCTOR products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any other application in which the failure of the APD SEMICONDUCTOR product could create a situation where personal injury or death may occur. Should Buyer
purchase or use APD SEMICONDUCTOR products for any such unintended or unauthorized application, Buyer shall indemnify and hold APD SEMICONDUCTOR and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or
unauthorized use, even if such claim alleges that APD SEMICONDUCTOR was negligent regarding the design or manufacture of the part..
0
10
20
0
25
50
75
100
125
150
175
Tc, Case Temp (C)
0.001
0.01
0.1
1
10
100
0
20
40
60
80
100
120
Vr, Reverse Voltage (Volts)
Tj=25C
Tj=125C
1
10
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Vf, Instantaneous Forward Voltage (Volts)
Tj=25C
Tj=125C
1 Lagoon Drive, Suite 410, Redwood City, CA 94065, USA
Ph: 650 508 8896 FAX: 650 508 8865
Homepage: www.apdsemi.com
email: info@apdsemi.com
Tj=150C
Tj=100C
Tj=100C
Tj=150C


Similar Part No. - SBR40U100PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBR40U100CT ETC1-SBR40U100CT Datasheet
78Kb / 2P
   Super barrier rectifier
logo
Diodes Incorporated
SBR40U100CT DIODES-SBR40U100CT Datasheet
101Kb / 3P
   40A SBR® SUPER BARRIER RECTIFIER
January 2009
logo
Inchange Semiconductor ...
SBR40U100CT ISC-SBR40U100CT Datasheet
327Kb / 2P
   Ultrafast Rectifier
logo
Diodes Incorporated
SBR40U100CT-G DIODES-SBR40U100CT-G Datasheet
101Kb / 3P
   40A SBR® SUPER BARRIER RECTIFIER
January 2009
SBR40U100CTE DIODES-SBR40U100CTE Datasheet
97Kb / 4P
   40A SBR® SUPER BARRIER RECTIFIER
November 2011
More results

Similar Description - SBR40U100PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com