Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5258BS-7-F Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ5258BS-7-F
Description  200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5258BS-7-F Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ5258BS-7-F Datasheet HTML 1Page - Diodes Incorporated MMBZ5258BS-7-F Datasheet HTML 2Page - Diodes Incorporated MMBZ5258BS-7-F Datasheet HTML 3Page - Diodes Incorporated MMBZ5258BS-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS31039 Rev. 12 - 2
2 of 4
MMBZ5221BS - MMBZ5259BS
www.diodes.com
Type
Number
Marking
Code
Zener Voltage Range (Note 6)
Maximum Zener
Impedance (Note 7)
Maximum Reverse
Leakage Current (Note 6)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
= 0.25mA
IR
@ VR
Nom (V)
Min (V)
Max (V)
mA
W
m
A
V
MMBZ5221BS
KC1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5223BS
KC3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225BS
KC5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226BS
KG1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227BS
KG2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228BS
KG3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229BS
KG4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230BS
KG5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231BS
KE1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232BS
KE2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5233BS
KE3
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMBZ5234BS
KE4
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMBZ5235BS
KE5
6.8
6.46
7.14
20
5
750
3.0
5.0
MMBZ5236BS
KF1
7.5
7.13
7.88
20
6
500
3.0
6.0
MMBZ5237BS
KF2
8.2
7.79
8.61
20
8
500
3.0
6.5
MMBZ5238BS
KF3
8.7
8.27
9.14
20
8
600
3.0
6.5
MMBZ5239BS
KF4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240BS
KF5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241BS
KH1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242BS
KH2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243BS
KH3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5245BS
KH5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246BS
KJ1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248BS
KJ3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250BS
KJ5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251BS
KK1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252BS
KK2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254BS
KK4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255BS
KK5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256BS
KM1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257BS
KM2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258BS
KM3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259BS
KM4
39
37.05
40.95
3.2
80
800
0.1
30
Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
6. Short duration test pulse used to minimize self-heating effect.
7.
f = 1KHz.
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W
Date Code Key
KXX = Product Type Marking Code, See Sheet 1
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
KXX YM
Marking Information


Similar Part No. - MMBZ5258BS-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5258BS DIODES-MMBZ5258BS Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 8 - 2
logo
SHIKUES Electronics
MMBZ5258BS SKTECHNOLGY-MMBZ5258BS Datasheet
856Kb / 3P
   Planar Die Construction
More results

Similar Description - MMBZ5258BS-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
MM3Z2V4 LUGUANG-MM3Z2V4 Datasheet
2Mb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com