Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29LV640ML101RFI Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29LV640ML101RFI
Description  64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV640ML101RFI Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29LV640ML101RFI Datasheet HTML 7Page - Advanced Micro Devices AM29LV640ML101RFI Datasheet HTML 8Page - Advanced Micro Devices AM29LV640ML101RFI Datasheet HTML 9Page - Advanced Micro Devices AM29LV640ML101RFI Datasheet HTML 10Page - Advanced Micro Devices AM29LV640ML101RFI Datasheet HTML 11Page - Advanced Micro Devices AM29LV640ML101RFI Datasheet HTML 12Page - Advanced Micro Devices AM29LV640ML101RFI Datasheet HTML 13Page - Advanced Micro Devices AM29LV640ML101RFI Datasheet HTML 14Page - Advanced Micro Devices AM29LV640ML101RFI Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
December 14, 2005
Am29LV640MH/L
9
DA TA SH EET
ORDERING INFORMATION
Standard Products
Standard products are available in several packages and operating ranges. The order
number (Valid Combination) is formed by a combination of the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to
confirm availability of specific valid combinations and to check on newly released combinations.
Notes:
1.
For the Am29LV640MH-L device, the last numeric digit in the speed
option (e.g. 101, 112, 120) is used for internal purposes only.
2.
To select product with ESN factory-locked into the SecSi Sector:
1) select order number from the valid combinations given above,
2) add designator “N” at the end of the order number, and 3)
modify the speed option indicator as follows [101R = 10R, 112R =
11R, 120R = 12R, 90R, 101, 112, 120 = no change] Example:
Am29LV640MH12RPCIN. For Fortified BGA packages, the
designator “N” will also appear at the end of the package marking.
Example: L640MH12NIN.
Am29LV640M
H
120R
PC
I
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
PACKAGE TYPE
E
=
56-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 056)
F
=
56-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR056)
PC
=
64-Ball Fortified Ball Grid Array,
1.0 mm pitch, 13 x 11 mm package (LAA064)
SPEED OPTION
See Product Selector Guide and Valid Combinations
SECTOR ARCHITECTURE AND WP# PROTECTION (WP# = V
IL)
H
=
Uniform sector device, highest address sector protected
L
=
Uniform sector device, lowest address sector protected
DEVICE NUMBER/DESCRIPTION
Am29LV640MH/L
64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit
™ Uniform Sector Flash Memory
with VersatileIO
™ Control, 3.0 Volt-only Read, Program, and Erase
Valid Combinations for
TSOP Package (Note 2)
Speed
(ns)
V
IO
Range (V)
V
CC
Range (V)
Am29LV640MH90R
Am29LV640ML90R
EI,
FI
90
3.0–3.6
3.0–3.6
Am29LV640MH112
Am29LV640ML112
110
1.65–3.6
2.7–3.6
Am29LV640MH120
Am29LV640ML120
120
1.65–3.6
Am29LV640MH101R
Am29LV640ML101R
100
2.7–3.6
3.0–3.6
Am29LV640MH112R
Am29LV640ML112R
110
1.65–3.6
Am29LV640MH120R
Am29LV640ML120R
120
1.65–3.6
Valid Combinations for
Fortified BGA Package (Note 2)
Speed
(ns)
V
IO
Range
(V)
VCC
Range
(V)
Order Number
Package
Marking
Am29LV640MH90R
Am29LV640ML90R
PCI
L640MH90NI
L640ML90NI
90
3.0–
3.6
3.0–
3.6
Am29LV640MH101
Am29LV640ML101
L640MH01PI
L640ML01PI
100
2.7–
3.6
2.7–
3.6
Am29LV640MH112
Am29LV640ML112
L640MH11PI
L640ML11PI
110
1.65–
3.6
Am29LV640MH120
Am29LV640ML120
L640MH12PI
L640ML12PI
120
1.65–
3.6
Am29LV640MH101R
Am29LV640ML101R
L640MH01NI
L640ML01NI
100
2.7–
3.
3.0–
3.6
Am29LV640MH112R
Am29LV640ML112R
L640MH11NI
L640ML11NI
110
1.65–
3.6
Am29LV640MH120R
Am29LV640ML120R
L640MH12NI
L640ML12NI
120
1.65–
3.6


Similar Part No. - AM29LV640ML101RFI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV640ML101RFI SPANSION-AM29LV640ML101RFI Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results

Similar Description - AM29LV640ML101RFI

ManufacturerPart #DatasheetDescription
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV065M AMD-AM29LV065M Datasheet
499Kb / 11P
   64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com