Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM11A102S Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM11A102S
Description  SURFACE MOUNT EMI FILTERS CHIP FERRITE BEADS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM11A102S Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM11A102S Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM11A102S Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM11A102S Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM11A102S Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Impedance
Rated
DCR
Operating
Dimensions: mm
Part Number
(Ohms)
Current
(Ohms max.)
Temperature
Typ. @ 100MHz
(mA)
Range
‚BLM10A100S
10
500
0.05
‚BLM10A700S
70
200
0.40
‚BLM10A121S
120
0.50
‚BLM10A221SG
220
100
0.70
‚BLM10A601SG
600
50
1.10
‚BLM10A102SG
1000
1.50
‚BLM11A121S
120
0.2
–55 ~ +125°C
‚BLM11A151SG
150
0.25
‚BLM11A221S
220
200
0.3
‚BLM11A331SG
330
0.45
‚BLM11A471SG
470
0.5
‚BLM11A601S
600
‚BLM11A102S
1000
100
0.7
0603
SPECIFICATIONS
164
CG01-I
SURFACE MOUNT EMI FILTERS
CHIP FERRITE BEADS
0.4 ± 0.2
1.6 ± 0.15
0.8 ± 0.15
BLM
A Series
The BLM
A Series ferrite beads provide outstanding
electrical characteristics in packages as small as 0402.
For noise applications covering a wide frequency range.
FEATURES
s Suitable for flow and reflow soldering
s Wide temperature range
s High Z characteristics
APPLICATIONS
s I/O ports, DC power lines, and Signal lines
BLM
11
A
471
SG
PT
CHIP FERRITE
SIZE
STANDARD
IMPEDANCE CODE
CHARACTERISTICS
PACKAGING CODE
SERIES
10: 1.0 x 0.5mm
SIGNAL
at 100MHz
PB: Bulk
11: 1.6 x 0.8mm
A: Standard
471: 470 ohms
PT: Tape 7
” Reel
21: 2.0 x 1.25mm
121: 120 ohms
PT1: Tape 13
” Reel
31: 3.2 x 1.6mm
102: 1000 ohms
41: 4.5 x 1.6mm
PART NUMBERING SYSTEM
0402
1.0 ± 0.1
0.5 ± 0.1
0.25 ± 0.1
‚Available as standard through authorized Murata Electronics Distributors.


Similar Part No. - BLM11A102S

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM11A102S MURATA-BLM11A102S Datasheet
190Kb / 5P
   Product Specification for Reference Only
More results

Similar Description - BLM11A102S

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACSB-02-T ABRACON-ACSB-02-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
ACSB-03-T ABRACON-ACSB-03-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads
09.20.13
logo
List of Unclassifed Man...
LI0402E190R-10 ETC2-LI0402E190R-10 Datasheet
1Mb / 4P
   Ferrite EMI Chip Beads
logo
Abracon Corporation
ACSB-04-T ABRACON-ACSB-04-T Datasheet
1Mb / 2P
   Surface Mount Ferrite Chip Beads Array
09.20.13
logo
Vishay Siliconix
ILBB1210 VISHAY-ILBB1210 Datasheet
120Kb / 2P
   Surface Mount, Multilayer Ferrite Beads
Revision 15-Jan-03
ILBB0402ER121V VISHAY-ILBB0402ER121V Datasheet
91Kb / 3P
   Surface Mount, Multilayer Ferrite Beads
Revision: 10-Aug-06
logo
Kemet Corporation
L1210R101MDWIT KEMET-L1210R101MDWIT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L0201C2N4SRMST KEMET-L0201C2N4SRMST Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
L4018C2R2MDWDT KEMET-L4018C2R2MDWDT Datasheet
759Kb / 32P
   Surface Mount Ferrite Products Inductors & Ferrite Beads
logo
API Technologies Corp
PSM1-101M-02B APITECH-PSM1-101M-02B Datasheet
2Mb / 21P
   Surface Mount EMI Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com