Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL3222TR13 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # IL3222TR13
Description  Fractional Load RS485 and RS422 Transceivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IL3222TR13 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  IL3222TR13 Datasheet HTML 1Page - List of Unclassifed Manufacturers IL3222TR13 Datasheet HTML 2Page - List of Unclassifed Manufacturers IL3222TR13 Datasheet HTML 3Page - List of Unclassifed Manufacturers IL3222TR13 Datasheet HTML 4Page - List of Unclassifed Manufacturers IL3222TR13 Datasheet HTML 5Page - List of Unclassifed Manufacturers IL3222TR13 Datasheet HTML 6Page - List of Unclassifed Manufacturers IL3222TR13 Datasheet HTML 7Page - List of Unclassifed Manufacturers IL3222TR13 Datasheet HTML 8Page - List of Unclassifed Manufacturers IL3222TR13 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IL3285 IL3222
6
NVE Corporation
11409 Valley View Road
Eden Prairie, MN 55344-3617 USA
Telephone: (952) 829-9217
Fax (952) 829-9189
Internet: www.isoloop.com
Introduction
The IL3000 family of isolated RS485 and RS422
transceivers are based on the revolutionary IL600 family of
digital isolators. A single external resistor is used to set each
input channel’s maximum current for input voltages above
0.5 V. For additional information, view the IL600 Series
data sheet.
Operation
The IL3000 series are current mode devices and utilize
NVE’s IL600 Series of digital isolators configured for non-
inverting outputs. The default state of each isolator output is
the logic high state for zero coil current. Therefore, to switch
the digital isolator output low, a logic low input signal
voltage is applied to the input coil via a current limiting
resistor. The resulting coil current switches the isolator
output low which in turn is sent to the transceiver. See
Figure 1 and Figure 2 below for typical coil connections.
Figure 1. Typical coil Connections for IL3285
Figure 2. Typical coil Connections for IL3222
Only a single resistor is required to limit the input coil to the
recommended 10 mA. This allows a wide range of input
voltages to be used since there is no semiconductor structure
on the input.
The absolute maximum current through the coil of the
IL3000 series is 25 mA DC. However, it is important to limit
input current to levels well below this in all applications.
The worst case logic threshold current is 10 mA. While
typical threshold currents are substantially less than this,
NVE recommends designing a 10 mA logic threshold
current in each application.
Figure 3 shows the response of the IL3000 Series. The GMR
bridge structure is designed such that the output of the
isolator is logic high when no field signal is present. The
output will switch to the low state with 10 mA of coil
current and the output will switch back to the high state
when the input current falls below 2 mA. This allows glitch-
free interface with low slew rate signals.
Figure 3. IL3000 Series Transfer Function
To calculate the value of the protection resistor (R1)
required, use Ohm’s law as shown in the examples below. It
should be noted that we are concerned only with the
magnitude of the voltage across the coil. The absolute values
of Vin High and Vin Low are arbitrary.
Figure 4. Series Resistor Calculation Equivalent Circuit.


Similar Part No. - IL3222TR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL324 ETC-IL324 Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL324 IKSEMICON-IL324 Datasheet
354Kb / 5P
   Low Power Quad Operational Amplifier
IL324 IKSEMICON-IL324 Datasheet
293Kb / 5P
   Low Power Quad Operational Amplifier
logo
List of Unclassifed Man...
IL324D ETC-IL324D Datasheet
201Kb / 4P
   Low Power Quad Operational Amplifier
logo
IK Semicon Co., Ltd
IL324D IKSEMICON-IL324D Datasheet
354Kb / 5P
   Low Power Quad Operational Amplifier
More results

Similar Description - IL3222TR13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
   Multipoint RS485/RS422 Transceivers
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
logo
National Semiconductor ...
DS3695 NSC-DS3695 Datasheet
310Kb / 12P
   Multipoint RS485/RS422 Transceivers/Repeaters
logo
Linear Technology
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695 TI1-DS3695_15 Datasheet
578Kb / 17P
[Old version datasheet]   Multipoint RS485/RS422 Transceivers/Repeaters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com