Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH284N-WLA Datasheet(PDF) 4 Page - Anachip Corp

Part # AH284N-WLA
Description  Hall-Effect Smart Fan Motor Controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AH284N-WLA Datasheet(HTML) 4 Page - Anachip Corp

  AH284N-WLA Datasheet HTML 1Page - Anachip Corp AH284N-WLA Datasheet HTML 2Page - Anachip Corp AH284N-WLA Datasheet HTML 3Page - Anachip Corp AH284N-WLA Datasheet HTML 4Page - Anachip Corp AH284N-WLA Datasheet HTML 5Page - Anachip Corp AH284N-WLA Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AH266
High Voltage Hall Effect Latch
Anachip Corp.
www.anachip.com.tw
Rev 0.2 Jan 19, 2005
4/6
Magnetic Characteristics (Ta=+25oC)
(1mT = 10 Gauss)
A grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
10
-
70
Gauss
Release Point
Brp
-70
-
-10
Gauss
Hysteresis
Bhy
-
80
-
Gauss
B grade
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Operate Point
Bop
-
-
100
Gauss
Release Point
Brp
-100
-
-
Gauss
Hysteresis
Bhy
-
80
-
Gauss
0
0
Magnetic Flux Density in Gauss
Magnetic Flux Density in Gauss
DO
DOB
Bop
Bop
Brp
Brp
Bhy
Turn on
Turn off
Bhy
Turn off
Turn on
Vsat
Vsat
Performance Characteristics (SIP-4L)
Ta (
°C)
25
50
60
70
80
85
90
95
100
Pd (mW)
550
440
396
352
308
286
264
242
220
Ta (
°C)
105
110
115
120
125
130
135
140
150
Pd (mW)
198
176
154
132
110
88
66
44
0
Power Dissipation Curve
0
100
200
300
400
500
600
0
15
30
45
60
75
90
105
120
135
150
Ta (。C)
Pd (mW )
85


Similar Part No. - AH284N-WLA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH284 ETC-AH284 Datasheet
271Kb / 9P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-P DIODES-AH284-P Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH284-PG-B DIODES-AH284-PG-B Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284-PL-13 DIODES-AH284-PL-13 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
More results

Similar Description - AH284N-WLA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH285 DIODES-AH285 Datasheet
215Kb / 8P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
logo
Anachip Corp
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Diodes Incorporated
AH286 DIODES-AH286 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH284 DIODES-AH284 Datasheet
236Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH286 DIODES-AH286_10 Datasheet
90Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
logo
Anachip Corp
AH285 ANACHIP-AH285 Datasheet
201Kb / 9P
   Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH284 DIODES-AH284_10 Datasheet
186Kb / 10P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 DIODES-AH285_10 Datasheet
105Kb / 9P
   HALL-EFFECT SMART FAN MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com