Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B8103 Datasheet(PDF) 4 Page - EPCOS

Part # B8103
Description  IF Filters for Cordless Phones and ISM-Band Application
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B8103 Datasheet(HTML) 4 Page - EPCOS

  B8103 Datasheet HTML 1Page - EPCOS B8103 Datasheet HTML 2Page - EPCOS B8103 Datasheet HTML 3Page - EPCOS B8103 Datasheet HTML 4Page - EPCOS B8103 Datasheet HTML 5Page - EPCOS B8103 Datasheet HTML 6Page - EPCOS B8103 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2
May 08, 2001
SAW Components
B 8103
110,59 MHz
Bandpass Filter
Data Sheet
duroplast package DIP18D
Features
s
IF filter for cordless phone
s
Channel selection in ISM system
s
Surface Mounted Technology (SMT)
s
Standard IC small outline (SO) package
s
Balanced and unbalanced operation possible
Terminals
s
Tinned CuFe alloy
Dimensions in mm, approx. weight 0,4 g
Pin configuration
8
Input
7
Input ground or balanced input
16
Output
17
Output ground or balanced output
1,4,5,6,9,10,
Chip-carrier ground
13,14,15,18
2,3,11,12
not connected
Electrostatic Sensitive Device (ESD)
Type
Ordering code
Marking and Package
according to
Packing
according to
B8103
B39111-B8103-L100
C61157-A2-A4
F61074-V8058-Z000
Maximum ratings
Operable temperature range
T
0/+55
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0V
Source power
Ps
10
dBm


Similar Part No. - B8103

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B8103 PULSE-B8103 Datasheet
121Kb / 4P
   BROADBAND xDSL, HPN, CMCs
More results

Similar Description - B8103

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4116FV ROHM-BA4116FV Datasheet
193Kb / 11P
   FM IF detector for cordless phones
logo
Toshiba Semiconductor
TA31137FNG TOSHIBA-TA31137FNG Datasheet
578Kb / 16P
   IF DETECTOR IC FOR CORDLESS AND CELLULAR PHONES
logo
Rohm
BA4116FV-E2 ROHM-BA4116FV-E2 Datasheet
209Kb / 12P
   FM IF detector for cordless phones
logo
Agamem Microelectronic ...
AA32416 AGAMEM-AA32416 Datasheet
418Kb / 9P
   FM IF DETECTOR FOR CORDLESS PHONES
logo
Rohm
BH4127FV ROHM-BH4127FV Datasheet
125Kb / 9P
   IF detector IC for 900MHz spread spectrum cordless phones
logo
KEC(Korea Electronics)
KF927A KEC-KF927A Datasheet
198Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RF CIRCUITS OF ISM CORDLESS PHONE)
logo
Transko Electronics, In...
TF244200BC-SP TRANSKO-TF244200BC-SP Datasheet
1Mb / 4P
   ISM Band Application
Rev. 0: Jul. 2023
logo
WALSIN TECHNOLOGY CORPO...
RFBPB2012110AFT WALSIN-RFBPB2012110AFT Datasheet
93Kb / 1P
   For ISM Band 2.4GHz Application
logo
KEC(Korea Electronics)
KF903A KEC-KF903A Datasheet
196Kb / 2P
   SPECIFICATIONS FOR SAW FILTER(BAND PASS FILTERS FOR RF CIRCUITS OF ISM CORDLESS PHONE)
logo
Transko Electronics, In...
TF244200AB-SP TRANSKO-TF244200AB-SP Datasheet
1Mb / 4P
   ISM Band Application
Rev. 0: Jul. 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com