Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57221V2332J060 Datasheet(PDF) 10 Page - EPCOS

Part # B57221V2332J060
Description  SMDs with nickel barrier termination, case size 0402
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57221V2332J060 Datasheet(HTML) 10 Page - EPCOS

Back Button B57221V2332J060 Datasheet HTML 6Page - EPCOS B57221V2332J060 Datasheet HTML 7Page - EPCOS B57221V2332J060 Datasheet HTML 8Page - EPCOS B57221V2332J060 Datasheet HTML 9Page - EPCOS B57221V2332J060 Datasheet HTML 10Page - EPCOS B57221V2332J060 Datasheet HTML 11Page - EPCOS B57221V2332J060 Datasheet HTML 12Page - EPCOS B57221V2332J060 Datasheet HTML 13Page - EPCOS B57221V2332J060 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
B57261V2333J060
R/T No.
8506
T (
°C)
B25/100 = 4575 K, R25 = 33000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
5102000
3983000
6220900
21.9
2.7
8.0
50.0
3444200
2737400
4151000
20.5
2.7
7.7
45.0
2354900
1903400
2806500
19.2
2.6
7.5
40.0
1629700
1338300
1921200
17.9
2.5
7.2
35.0
1140900
951000
1330900
16.6
2.4
7.0
30.0
807560
682690
932430
15.5
2.3
6.8
25.0
577610
494870
660360
14.3
2.2
6.6
20.0
417310
362080
472530
13.2
2.1
6.4
15.0
304400
267310
341480
12.2
2.0
6.2
10.0
224090
199050
249130
11.2
1.9
6.0
5.0
166430
149450
183410
10.2
1.7
5.9
0.0
124660
113110
136200
9.3
1.6
5.7
5.0
94132
86263
102000
8.4
1.5
5.5
10.0
71640
66275
77005
7.5
1.4
5.4
15.0
54934
51282
58585
6.6
1.3
5.2
20.0
42429
39953
44905
5.8
1.1
5.1
25.0
33000
31350
34650
5.0
1.0
5.0
30.0
25839
24338
27340
5.8
1.2
4.8
35.0
20363
19031
21696
6.5
1.4
4.7
40.0
16148
14977
17320
7.3
1.6
4.6
45.0
12883
11859
13906
7.9
1.8
4.5
50.0
10337
9447
11228
8.6
2.0
4.3
55.0
8341
7569
9114
9.3
2.2
4.2
60.0
6767
6098
7436
9.9
2.4
4.1
65.0
5519
4940
6098
10.5
2.6
4.0
70.0
4523
4022
5025
11.1
2.8
3.9
75.0
3726
3291
4160
11.7
3.0
3.8
80.0
3083
2706
3460
12.2
3.3
3.7
85.0
2563
2236
2890
12.8
3.5
3.7
90.0
2140
1855
2424
13.3
3.7
3.6
95.0
1794
1546
2042
13.8
4.0
3.5
100.0
1510
1294
1726
14.3
4.2
3.4
105.0
1277
1088
1465
14.8
4.5
3.3
110.0
1083
917.9
1249
15.3
4.7
3.2
115.0
922.6
777.5
1068
15.7
5.0
3.2
120.0
788.6
661.1
916.2
16.2
5.2
3.1
125.0
676.4
564.1
788.8
16.6
5.5
3.0
Temperature measurement
B572**V
SMDs with nickel barrier termination, case size 0402
V2**
Page 10 of 14
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57221V2332J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57221V2332J060 EPCOS-B57221V2332J060 Datasheet
412Kb / 18P
   NTC thermistors for temperature measurement
More results

Similar Description - B57221V2332J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57311V2470 EPCOS-B57311V2470 Datasheet
395Kb / 33P
   SMDs with nickel barrier termination, case size 0603
B57421V2103J62 EPCOS-B57421V2103J62 Datasheet
66Kb / 4P
   SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
logo
AVX Corporation
NB12 AVX-NB12 Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination
logo
EPCOS
CT0603S20ACCG EPCOS-CT0603S20ACCG Datasheet
144Kb / 9P
   SMD multilayer varistor with nickel barrier termination
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
B57411 EPCOS-B57411 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
B57311 EPCOS-B57311 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
logo
AVX Corporation
NB21 AVX-NB21 Datasheet
198Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 21
logo
EPCOS
B59701 EPCOS-B59701 Datasheet
68Kb / 3P
   Limit Temperature Sensors, SMDs, EIA Size 0805
logo
AVX Corporation
NB12MC0221JBA AVX-NB12MC0221JBA Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com