Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57221V2103J060 Datasheet(PDF) 5 Page - EPCOS

Part # B57221V2103J060
Description  SMDs with nickel barrier termination, case size 0402
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57221V2103J060 Datasheet(HTML) 5 Page - EPCOS

  B57221V2103J060 Datasheet HTML 1Page - EPCOS B57221V2103J060 Datasheet HTML 2Page - EPCOS B57221V2103J060 Datasheet HTML 3Page - EPCOS B57221V2103J060 Datasheet HTML 4Page - EPCOS B57221V2103J060 Datasheet HTML 5Page - EPCOS B57221V2103J060 Datasheet HTML 6Page - EPCOS B57221V2103J060 Datasheet HTML 7Page - EPCOS B57221V2103J060 Datasheet HTML 8Page - EPCOS B57221V2103J060 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
B57221V2332J060
R/T No.
8502
T (
°C)
B25/100 = 4000 K, R25 = 3300
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
317320
254460
380180
19.8
2.7
7.4
50.0
220740
179730
261750
18.6
2.6
7.1
45.0
155520
128460
182580
17.4
2.5
6.9
40.0
110900
92856
128950
16.3
2.4
6.6
35.0
80000
67848
92153
15.2
2.4
6.4
30.0
58349
50090
66607
14.2
2.3
6.2
25.0
43006
37346
48665
13.2
2.2
6.0
20.0
32017
28109
35924
12.2
2.1
5.8
15.0
24065
21349
26781
11.3
2.0
5.6
10.0
18254
16355
20153
10.4
1.9
5.4
5.0
13967
12633
15302
9.6
1.8
5.3
0.0
10777
9836
11718
8.7
1.7
5.1
5.0
8382
7716
9048
7.9
1.6
4.9
10.0
6569
6097
7041
7.2
1.5
4.8
15.0
5186
4852
5521
6.4
1.4
4.7
20.0
4123
3887
4360
5.7
1.3
4.5
25.0
3300
3135
3465
5.0
1.1
4.4
30.0
2658
2506
2810
5.7
1.3
4.3
35.0
2154
2018
2291
6.4
1.5
4.1
40.0
1757
1634
1879
7.0
1.7
4.0
45.0
1440
1331
1549
7.6
1.9
3.9
50.0
1187
1090
1284
8.2
2.1
3.8
55.0
984.0
898.1
1070
8.7
2.4
3.7
60.0
819.6
743.6
895.7
9.3
2.6
3.6
65.0
686.0
618.7
753.3
9.8
2.8
3.5
70.0
576.8
517.2
636.4
10.3
3.0
3.4
75.0
487.2
434.4
540.0
10.8
3.2
3.3
80.0
413.3
366.5
460.0
11.3
3.5
3.2
85.0
352.0
310.5
393.5
11.8
3.7
3.2
90.0
301.1
264.2
337.9
12.3
4.0
3.1
95.0
258.5
225.6
291.3
12.7
4.2
3.0
100.0
222.7
193.4
252.0
13.1
4.5
2.9
105.0
192.6
166.5
218.7
13.6
4.7
2.9
110.0
167.1
143.8
190.5
14.0
5.0
2.8
115.0
145.5
124.6
166.5
14.4
5.3
2.7
120.0
127.1
108.3
145.9
14.8
5.5
2.7
125.0
111.4
94.50
128.3
15.2
5.8
2.6
Temperature measurement
B572**V
SMDs with nickel barrier termination, case size 0402
V2**
Page 5 of 14
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57221V2103J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57221V2103J060 EPCOS-B57221V2103J060 Datasheet
412Kb / 18P
   NTC thermistors for temperature measurement
More results

Similar Description - B57221V2103J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57311V2470 EPCOS-B57311V2470 Datasheet
395Kb / 33P
   SMDs with nickel barrier termination, case size 0603
B57421V2103J62 EPCOS-B57421V2103J62 Datasheet
66Kb / 4P
   SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
logo
AVX Corporation
NB12 AVX-NB12 Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination
logo
EPCOS
CT0603S20ACCG EPCOS-CT0603S20ACCG Datasheet
144Kb / 9P
   SMD multilayer varistor with nickel barrier termination
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
B57411 EPCOS-B57411 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
B57311 EPCOS-B57311 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
logo
AVX Corporation
NB21 AVX-NB21 Datasheet
198Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 21
logo
EPCOS
B59701 EPCOS-B59701 Datasheet
68Kb / 3P
   Limit Temperature Sensors, SMDs, EIA Size 0805
logo
AVX Corporation
NB12MC0221JBA AVX-NB12MC0221JBA Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com