Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57261V2223J060 Datasheet(PDF) 9 Page - EPCOS

Part # B57261V2223J060
Description  SMDs with nickel barrier termination, case size 0402
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57261V2223J060 Datasheet(HTML) 9 Page - EPCOS

Back Button B57261V2223J060 Datasheet HTML 5Page - EPCOS B57261V2223J060 Datasheet HTML 6Page - EPCOS B57261V2223J060 Datasheet HTML 7Page - EPCOS B57261V2223J060 Datasheet HTML 8Page - EPCOS B57261V2223J060 Datasheet HTML 9Page - EPCOS B57261V2223J060 Datasheet HTML 10Page - EPCOS B57261V2223J060 Datasheet HTML 11Page - EPCOS B57261V2223J060 Datasheet HTML 12Page - EPCOS B57261V2223J060 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
B57261V2223J060
R/T No.
8506
T (
°C)
B25/100 = 4575 K, R25 = 22000
Ω, T
R = 25
°C, ∆R
R/RR =
± 5%
Rnom[
Ω]
Rmin[
Ω]
Rmax[
Ω]
∆R
R/RR[
±%] ∆T[±°C]
α (%/K)
55.0
3401300
2655300
4147300
21.9
2.7
8.0
50.0
2296100
1824900
2767300
20.5
2.7
7.7
45.0
1569900
1268900
1871000
19.2
2.6
7.5
40.0
1086500
892190
1280800
17.9
2.5
7.2
35.0
760630
634000
887260
16.6
2.4
7.0
30.0
538370
455130
621620
15.5
2.3
6.8
25.0
385080
329910
440240
14.3
2.2
6.6
20.0
278200
241390
315020
13.2
2.1
6.4
15.0
202930
178210
227650
12.2
2.0
6.2
10.0
149390
132700
166080
11.2
1.9
6.0
5.0
110950
99635
122270
10.2
1.7
5.9
0.0
83105
75406
90803
9.3
1.6
5.7
5.0
62755
57508
68001
8.4
1.5
5.5
10.0
47760
44183
51336
7.5
1.4
5.4
15.0
36622
34188
39057
6.6
1.3
5.2
20.0
28286
26635
29937
5.8
1.1
5.1
25.0
22000
20900
23100
5.0
1.0
5.0
30.0
17226
16225
18227
5.8
1.2
4.8
35.0
13576
12687
14464
6.5
1.4
4.7
40.0
10766
9984
11547
7.3
1.6
4.6
45.0
8589
7906
9271
7.9
1.8
4.5
50.0
6892
6298
7485
8.6
2.0
4.3
55.0
5561
5046
6076
9.3
2.2
4.2
60.0
4512
4065
4958
9.9
2.4
4.1
65.0
3679
3293
4065
10.5
2.6
4.0
70.0
3016
2681
3350
11.1
2.8
3.9
75.0
2484
2194
2773
11.7
3.0
3.8
80.0
2055
1804
2306
12.2
3.3
3.7
85.0
1708
1490
1926
12.8
3.5
3.7
90.0
1426
1237
1616
13.3
3.7
3.6
95.0
1196
1031
1361
13.8
4.0
3.5
100.0
1007
862.9
1151
14.3
4.2
3.4
105.0
851.1
725.2
977.0
14.8
4.5
3.3
110.0
722.2
612.0
832.4
15.3
4.7
3.2
115.0
615.1
518.4
711.8
15.7
5.0
3.2
120.0
525.7
440.7
610.8
16.2
5.2
3.1
125.0
451.0
376.0
525.9
16.6
5.5
3.0
Temperature measurement
B572**V
SMDs with nickel barrier termination, case size 0402
V2**
Page 9 of 14
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B57261V2223J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57261V2223J060 EPCOS-B57261V2223J060 Datasheet
412Kb / 18P
   NTC thermistors for temperature measurement
More results

Similar Description - B57261V2223J060

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57311V2470 EPCOS-B57311V2470 Datasheet
395Kb / 33P
   SMDs with nickel barrier termination, case size 0603
B57421V2103J62 EPCOS-B57421V2103J62 Datasheet
66Kb / 4P
   SMD NTC Thermistors with Nickel Barrier Termination, Size 0805
logo
AVX Corporation
NB12 AVX-NB12 Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination
logo
EPCOS
CT0603S20ACCG EPCOS-CT0603S20ACCG Datasheet
144Kb / 9P
   SMD multilayer varistor with nickel barrier termination
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
B57411 EPCOS-B57411 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
B57311 EPCOS-B57311 Datasheet
58Kb / 4P
   Temperature Measurement SMD NTC Thermistors with Nickel Barrier Termination
logo
AVX Corporation
NB21 AVX-NB21 Datasheet
198Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 21
logo
EPCOS
B59701 EPCOS-B59701 Datasheet
68Kb / 3P
   Limit Temperature Sensors, SMDs, EIA Size 0805
logo
AVX Corporation
NB12MC0221JBA AVX-NB12MC0221JBA Datasheet
200Kb / 5P
   NTC SMD Thermistors With Nickel Barrier Termination NB 12 - NB 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com