Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B59940C0120A070 Datasheet(PDF) 3 Page - EPCOS

Part # B59940C0120A070
Description  Leaded disks, coated, 63 V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B59940C0120A070 Datasheet(HTML) 3 Page - EPCOS

  B59940C0120A070 Datasheet HTML 1Page - EPCOS B59940C0120A070 Datasheet HTML 2Page - EPCOS B59940C0120A070 Datasheet HTML 3Page - EPCOS B59940C0120A070 Datasheet HTML 4Page - EPCOS B59940C0120A070 Datasheet HTML 5Page - EPCOS B59940C0120A070 Datasheet HTML 6Page - EPCOS B59940C0120A070 Datasheet HTML 7Page - EPCOS B59940C0120A070 Datasheet HTML 8Page - EPCOS B59940C0120A070 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
General technical data
Max. operating voltage
(TA = 60
°C)
Vmax
80
VDC or VAC
Rated voltage
VR
63
VDC or VAC
Switching cycles
N
100
Tolerance of RR
(Tref = 80
°C or 120 °C)
∆R
R
±25
%
Tolerance of RR
(Tref = 130
°C)
∆R
R
±20
%
Operating temperature range
(V = 0)
Top
40/+125
°C
Operating temperature range
(V = Vmax, Tref = 80
°C)
Top
40/+85
°C
Operating temperature range
(V = Vmax, Tref = 120
°C/130 °C) T
op
40/+125
°C
Electrical specifications and ordering codes
Type
IR
mA
IS
mA
ISmax
(V = Vmax)
A
Ir
(V = Vmax)
typ.
mA
Tref
°C
RR
Rmin
Ordering code
C910
1000
1500
10.0
60
130
1.2
0.8
B59910C0130A070
C930
700
1400
10.0
50
120
1.65
1.1
B59930C0120A070
C930
700
1100
8.0
50
130
2.2
1.5
B59930C0130A070
C940
450
900
8.0
40
120
2.3
1.5
B59940C0120A070
C940
450
690
5.5
30
130
3.3
2.2
B59940C0130A070
C930
340
700
10.0
35
80
1.65
1.1
B59930C0080A070
C950
320
640
5.5
30
120
3.7
2.4
B59950C0120A070
C950
320
500
4.3
25
130
4.9
3.2
B59950C0130A070
C960
250
500
4.3
25
120
5.6
3.7
B59960C0120A070
C960
250
380
3.0
20
130
8.0
5.2
B59960C0130A070
C940
245
500
8.0
25
80
2.3
1.5
B59940C0080A070
C950
170
350
5.5
20
80
3.7
2.4
B59950C0080A070
C970
150
240
1.0
18
130
20
13.2
B59970C0130A070
C970
150
300
3.0
20
120
9.4
6.2
B59970C0120A070
C960
130
265
4.3
15
80
5.6
3.7
B59960C0080A070
C970
90
190
3.0
11
80
9.4
6.2
B59970C0080A070
C980
85
170
1.0
16
120
25
16.5
B59980C0120A070
C980
85
130
0.7
15
130
62
40.9
B59980C0130A070
C980
50
110
1.0
8
80
25
16.5
B59980C0080A070
C990
50
100
0.7
12
120
55
36.3
B59990C0120A070
C990
30
60
0.7
5
80
55
36.3
B59990C0080A070
Overcurrent protection
Leaded disks, coated, 63 V
C910 ... C990
Page 3 of 13
Please read Important notes and
Cautions and warnings at the end of this document.


Similar Part No. - B59940C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59940C0120A070 EPCOS-B59940C0120A070 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59940C0120A070 EPCOS-B59940C0120A070 Datasheet
600Kb / 15P
   PTC thermistors for overcurrent protection
B59940C0120A070 EPCOS-B59940C0120A070 Datasheet
603Kb / 13P
   PTC thermistors for overcurrent protection
B59940C0120A070 EPCOS-B59940C0120A070 Datasheet
349Kb / 15P
   PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
B59940C0120A070 EPCOS-B59940C0120A070 Datasheet
599Kb / 15P
   PTC thermistors for overcurrent protection
More results

Similar Description - B59940C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59830C0160A070 EPCOS-B59830C0160A070 Datasheet
83Kb / 5P
   Leaded Disks, Coated, 110 V
B59930C0080A070 EPCOS-B59930C0080A070_12 Datasheet
349Kb / 15P
   PTC thermistors for overcurrent protection Leaded disks, coated, 63 V
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
   Overcurrent Protection Leaded Disks, Coated
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
   Overcurrent Protection Leaded Disks, Coated
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
   Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B59100C0920A070 EPCOS-B59100C0920A070 Datasheet
81Kb / 5P
   Sensors Limit Temperature Sensors, Leaded Disks, Coated
B59935C0120A070 EPCOS-B59935C0120A070_12 Datasheet
149Kb / 10P
   PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V
B59884C0120A070 EPCOS-B59884C0120A070_11 Datasheet
245Kb / 9P
   PTC thermistors for overcurrent protection Leaded disks, coated, 380 V, 500 V
B57164K0150 EPCOS-B57164K0150 Datasheet
61Kb / 3P
   Leaded Disks
B57153S0 EPCOS-B57153S0 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com