Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B81122 Datasheet(PDF) 4 Page - EPCOS

Part # B81122
Description  EMI suppression capacitors (MKP) Y2 / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B81122 Datasheet(HTML) 4 Page - EPCOS

  B81122 Datasheet HTML 1Page - EPCOS B81122 Datasheet HTML 2Page - EPCOS B81122 Datasheet HTML 3Page - EPCOS B81122 Datasheet HTML 4Page - EPCOS B81122 Datasheet HTML 5Page - EPCOS B81122 Datasheet HTML 6Page - EPCOS B81122 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering codes and packing units
Lead spacing
mm
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./unit
Reel
pcs./unit
Untaped
pcs./unit
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
10
0.0010
4.0
× 9.0 × 13.0 B81122C1102M***
1000
1700
1000
0.0015
4.0
× 9.0 × 13.0 B81122C1152M***
1000
1700
1000
0.0022
5.0
× 11.0 × 13.0 B81122C1222M***
830
1300
1000
0.0033
5.0
× 11.0 × 13.0 B81122C1332M***
830
1300
1000
0.0047
6.0
× 12.0 × 13.0 B81122C1472M***
680
1100
1000
0.0056
6.0
× 12.0 × 13.0 B81122C1562M***
680
1100
1000
0.0068
6.0
× 12.0 × 13.0 B81122C1682M***
680
1100
1000
15
0.010
6.0
× 11.0 × 18.0 B81122A1103M***
960
1100
1000
0.015
7.0
× 12.5 × 18.0 B81122A1153M***
830
900
1000
0.022
8.5
× 14.5 × 18.0 B81122A1223M***
680
700
500
0.027
8.5
× 14.5 × 18.0 B81122A1273M***
680
700
500
0.033
9.0
× 17.5 × 18.0 B81122A1333M***
640
700
500
22.5
0.047
7.0
× 16.0 × 26.5 B81122A1473M***
580
600
630
0.056
8.5
× 16.5 × 26.5 B81122A1563M***
480
500
510
0.068
10.5
× 16.5 × 26.5 B81122A1683M***
390
400
540
0.10
10.5
× 20.5 × 26.5 B81122A1104M***
390
400
540
27.5
0.15
11.0
× 21.0 × 31.5 B81122A1154M***
350
320
0.22
13.5
× 23.0 × 31.5 B81122A1224M***
250
260
0.33
18.0
× 27.5 × 31.5 B81122A1334M***
200
B81122
Y2 / 250 VAC
4


Similar Part No. - B81122

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81123 EPCOS-B81123 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
logo
TDK Electronics
B81123 TDK-B81123 Datasheet
300Kb / 18P
   Film Capacitors - EMI Suppression Capacitors (MKP)
B81123C1102M TDK-B81123C1102M Datasheet
300Kb / 18P
   Film Capacitors - EMI Suppression Capacitors (MKP)
B81123C1102M TDK-B81123C1102M Datasheet
333Kb / 19P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B81123C1102M000 EPCOS-B81123C1102M000 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
More results

Similar Description - B81122

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81123 EPCOS-B81123 Datasheet
188Kb / 6P
   EMI suppression capacitors (MKP) Y1 / 250 VAC
B81130 EPCOS-B81130_04 Datasheet
164Kb / 6P
   EMI suppression capacitors (MKP) X2 / 275 VAC
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
   EMI Suppression Capacitors (MKP)
logo
EPCOS
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
   EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
   EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
   EMI Suppression Capacitors (MKP)
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
   EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
   EMI Suppression Capacitors (MKP)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com