Electronic Components Datasheet Search
Selected language     English  β–Ό


AM29DL322GT40EF Datasheet(PDF) 3 Page - SPANSION

Part No. AM29DL322GT40EF
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
Download  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPANSION [SPANSION]
Homepage  http://www.spansion.com
Logo 

 
 3 page
background image
Publication# 25686
Rev: B Amendment: 10
Issue Date: December 4, 2006
DATA SHEET
Am29DL32xG
32 Megabit (4 M x 8-Bit/2 M x 16-Bit)
CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
β–  Simultaneous Read/Write operations
β€” Data can be continuously read from one bank while
executing erase/program functions in other bank
β€” Zero latency between read and write operations
β–  Multiple bank architectures
β€” Three devices available with different bank sizes (refer
to Table 3)
β–  256-byte Secured Silicon Sector
β€” Factory locked and identifiable: 16 bytes available for
secure, random factory Electronic Serial Number;
verifiable as factory locked through autoselect
function. ExpressFlash option allows entire sector to
be available for factory-secured data
β€” Customer lockable: One time programmable. Once
locked, data cannot be changed.
β–  Zero Power Operation
β€” Sophisticated power management circuits reduce
power consumed during inactive periods to nearly
zero
β–  Package options
β€” 63-ball FBGA
β€” 48-ball FBGA
β€” 48-pin TSOP
β€” 64-ball Fortified BGA
β–  Top or bottom boot block
β–  Manufactured on 0.17 Β΅m process technology
β–  Compatible with JEDEC standards
β€” Pinout and software compatible with
single-power-supply flash standard
PERFORMANCE CHARACTERISTICS
β–  High performance
β€” Access time as fast 70 ns
β€” Program time: 4 Β΅s/word typical utilizing Accelerate
function
β–  Ultra low power consumption (typical values)
β€” 2 mA active read current at 1 MHz
β€” 10 mA active read current at 5 MHz
β€” 200 nA in standby or automatic sleep mode
β–  Minimum 1 million erase cycles guaranteed per
sector
β–  20 year data retention at 125Β°C
β€” Reliable operation for the life of the system
SOFTWARE FEATURES
β–  Data Management Software (DMS)
β€” AMD-supplied software manages data programming,
enabling EEPROM emulation
β€” Eases historical sector erase flash limitations
β–  Supports Common Flash Memory Interface (CFI)
β–  Erase Suspend/Erase Resume
β€” Suspends erase operations to allow programming in
same bank
β–  Data# Polling and Toggle Bits
β€” Provides a software method of detecting the status of
program or erase cycles
β–  Unlock Bypass Program command
β€” Reduces overall programming time when issuing
multiple program command sequences
HARDWARE FEATURES
β–  Any combination of sectors can be erased
β–  Ready/Busy# output (RY/BY#)
β€” Hardware method for detecting program or erase
cycle completion
β–  Hardware reset pin (RESET#)
β€” Hardware method of resetting the internal state
machine to the read mode
β–  WP#/ACC input pin
β€” Write protect (WP#) function allows protection of two
outermost boot sectors, regardless of sector protect
status
β€” Acceleration (ACC) function accelerates program
timing
β–  Sector protection
β€” Hardware method of locking a sector, either
in-system or using programming equipment, to
prevent any program or erase operation within that
sector
β€” Temporary Sector Unprotect allows changing data in
protected sectors in-system
This product has been retired and is not recommended for designs. For new and current designs, S29JL032H (for TSOP packages) and S29PL032J (for FBGA packages) supersede
AM29DL32xG as the factory-recommended migration path. Please refer to each respective datasheets for specifications and ordering information. Availability of this document is retained
for reference and historical purposes only.”




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29DL320G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM49DL320BG32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 32 Mbit 2M x 16-Bit Pseudo Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM49DL32XBG32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 32 Mbit 2M x 16-Bit 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL32X4G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL3208G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DL322D_0532 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL32X4G32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 4 Mbit 512 K x 8-Bit/256 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM41DL6408G64 Megabit 8 M x 8-Bit/4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 8 Mbit 1 M x 8-Bit/512 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL16X2DAm29DL16xD 16 Megabit 2 M x 8-Bit/1 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 2 Mbit 128 K x 16-Bit Static RAM 1 2 3 4 5 MoreAdvanced Micro Devices
AM42DL640AH64 Megabit 4 M x 16-Bit CMOS 3.0 Volt-only Simultaneous Operation Flash Memory and 16 Mbit 1 M x 16-Bit Static RAM 1 2 3 4 5 MoreSPANSION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl