Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1175JCB Datasheet(PDF) 5 Page - Intersil Corporation

Part # HI1175JCB
Description  8-Bit, 20 MSPS, Flash A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1175JCB Datasheet(HTML) 5 Page - Intersil Corporation

  HI1175JCB Datasheet HTML 1Page - Intersil Corporation HI1175JCB Datasheet HTML 2Page - Intersil Corporation HI1175JCB Datasheet HTML 3Page - Intersil Corporation HI1175JCB Datasheet HTML 4Page - Intersil Corporation HI1175JCB Datasheet HTML 5Page - Intersil Corporation HI1175JCB Datasheet HTML 6Page - Intersil Corporation HI1175JCB Datasheet HTML 7Page - Intersil Corporation HI1175JCB Datasheet HTML 8Page - Intersil Corporation HI1175JCB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
REFERENCE INPUT
Reference Pin Current, IREF
4.5
6.6
8.7
mA
Reference Resistance (VRT to VRB),
RREF
230
300
450
INTERNAL VOLTAGE REFERENCE
Self Bias Mode 1
-
---
VRB
Short VRB and VRBS, Short VRT and VRTS
0.60
0.64
0.68
V
VRT - VRB
1.96
2.09
2.21
V
Self Bias Mode 2, VRT
VRB = AGND, Short VRT and VRTS
2.25
2.39
2.53
V
DIGITAL INPUTS
Digital Input Voltage
-
---
VIH
4.0
-
-
V
VIL
--
1.0
V
Digital Input Current
-
---
IIH
VDD = Max
VIH = VDD
--
5
µA
IIL
VIL = 0V
-
-
5
µA
DIGITAL OUTPUTS
Digital Output Current
-
---
IOH
OE = VSS, VDD = Min
VOH = VDD -0.5V
-1.1
-
-
mA
IOL
VOL = 0.4V
3.7
-
-
mA
Digital Output Current
-
---
IOZH
OE = VDD, VDD = Max
VOH = VDD
-0.01
16
µA
IOZL
VOL = 0V
-
0.01
16
µA
TIMING CHARACTERISTICS
Output Data Delay, tDL
-18
30
ns
POWER SUPPLY CHARACTERISTIC
Supply Current, IDD
fC = 20 MSPS, NTSC Ramp Wave Input
-
12
17
mA
NOTE:
2. Electrical specifications guaranteed only under the stated operating conditions.
Timing Diagrams
FIGURE 1.
Electrical Specifications
fC = 20 MSPS, VDD = +5V, VRB = 0.5V, VRT = 2.5V, TA = 25
oC (Note 1) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPW1
tPW0
CLOCK
ANALOG INPUT
DATA OUTPUT
N
N - 2
N + 3
N + 4
N - 3
N - 2
N - 1
N
N + 1
tD = 18ns
: POINT FOR ANALOG SIGNAL SAMPLING
N + 1
HI1175


Similar Part No. - HI1175JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1175JCB INTERSIL-HI1175JCB Datasheet
74Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
August 1997
logo
Renesas Technology Corp
HI1175JCB RENESAS-HI1175JCB Datasheet
607Kb / 13P
   8-Bit, 20MSPS, Flash A/D Converter
More results

Similar Description - HI1175JCB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
logo
National Semiconductor ...
ADC0881 NSC-ADC0881 Datasheet
384Kb / 12P
   8-Bit 20 MSPS Flash A/D Converter
ADC0882 NSC-ADC0882 Datasheet
344Kb / 11P
   8-Bit 20 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1176 INTERSIL-HI1176 Datasheet
85Kb / 11P
   8-Bit, 20 MSPS, Flash A/D Converter
October 1998
HI1175 INTERSIL-HI1175 Datasheet
74Kb / 13P
   8-Bit, 20 MSPS, Flash A/D Converter
August 1997
logo
Renesas Technology Corp
HI1176 RENESAS-HI1176 Datasheet
643Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
October 25, 2005
logo
Micro Linear Corporatio...
ML6401 MICRO-LINEAR-ML6401 Datasheet
554Kb / 10P
   8-Bit 20 MSPS A/D Converter
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com