Electronic Components Datasheet Search |
|
AM29LV200BT35DTI1 Datasheet(PDF) 6 Page - Advanced Micro Devices |
|
AM29LV200BT35DTI1 Datasheet(HTML) 6 Page - Advanced Micro Devices |
6 / 11 page 6 Am29LV200B Known Good Die November 18, 2003 SU PP L E ME NT ORDERING INFORMATION Standard Products AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the following: Valid Combinations Valid Combinations list configurations planned to be sup- ported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations. Am29LV200B T -60 DP C 1 DIE REVISION This number refers to the specific AMD manufacturing process and product technology reflected in this document. It is entered in the revision field of AMD standard product nomenclature. TEMPERATURE RANGE C = Commercial (0°C to +70°C) I = Industrial (–40 °C to +85°C) E = Extended (–55 °C to +125°C) PACKAGE TYPE AND MINIMUM ORDER QUANTITY DP = Waffle Pack, 500 µm thick die 245 die per 5 tray stack DT = Surftape™ (Tape and Reel), 500 µm thick die 2500 per 7-inch reel DW = Gel-Pak® Wafer Tray (sawn wafer on frame) 500 µm thick die Call AMD sales office for minimum order quantity DR = Surftape™ (Tape and Reel), 280 µm thick die 2500 per 7-inch reel DF = Waffle Pack, 280 µm thick die 245 die per 5 tray stack SPEED OPTION See Product Selector Guide and Valid Combinations BOOT CODE SECTOR ARCHITECTURE T = Top sector B = Bottom sector DEVICE NUMBER/DESCRIPTION Am29LV200B Known Good Die 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS Flash Memory 3.0 Volt-only Program and Erase Valid Combinations AM29LV200BT-60R AM29LV200BB-60R DRC, DRI, DFC, DFI DPC, DPI, DTC, DTI, DWC, DWI AM29LV200BT-70, AM29LV200BB-70 AM29LV200BT-90, AM29LV200BB-90 AM29LV200BT-120, AM29LV200BB-120 AM29LV200BT-70R AM29LV200BB-70R DFE, DRE, DPE, DTE |
Similar Part No. - AM29LV200BT35DTI1 |
|
Similar Description - AM29LV200BT35DTI1 |