Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1386 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HI1386
Description  8-Bit, 75 MSPS, Flash A/D Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI1386 Datasheet(HTML) 4 Page - Intersil Corporation

  HI1386_03 Datasheet HTML 1Page - Intersil Corporation HI1386_03 Datasheet HTML 2Page - Intersil Corporation HI1386_03 Datasheet HTML 3Page - Intersil Corporation HI1386_03 Datasheet HTML 4Page - Intersil Corporation HI1386_03 Datasheet HTML 5Page - Intersil Corporation HI1386_03 Datasheet HTML 6Page - Intersil Corporation HI1386_03 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
1
3
LINV
I
ECL
Input Pin for D0 (LSB) to D6
Output Polarity Inversion (see A/D
Output Code Table). Pulled low
when left open.
14
21
MINV
I
ECL
Input Pin for D7 (MSB) Output
Polarity Inversion (see A/D Output
Code Table). Pulled low when left
open.
20, 24
32, 36
VIN
IVRT to VRB
Analog Input Pins. These two pins
must be connected externally,
since
they
are
not
internally
connected. See Application Note
for precautions.
17
26
VRB
I
-2V
Reference
Voltage
(Bottom).
Typically -2V. Bypass with a
0.1
µF and 10µF to AGND.
22
34
VRM
IVRB/2
Reference Voltage Mid Point.
Can be used as a pin for integral
linearity compensation.
27
42
VRT
I
0V
Reference Voltage (Top) Typical-
ly 0V.
Pin Descriptions (Continued)
PIN NUMBER
SYMBOL
I/O
STANDARD
VOLTAGE
LEVEL
EQUIVALENT CIRCUIT
DESCRIPTION
DIP
LCC
R
R
R
R
-1.3V
DVEE
DGND, DGND1
LINV
OR
MINV
VIN
VIN
AVEE
AGND
R
R
VRT
R/2
R1
COMPARATOR 1
COMPARATOR 127
R
COMPARATOR 128
R2
VRM
R
COMPARATOR 129
R
COMPARATOR 130
COMPARATOR 255
R/2
VRB R3
COMPARATOR 2
R
R
HI1386


Similar Part No. - HI1386_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1386AIL INTERSIL-HI1386AIL Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
logo
Renesas Technology Corp
HI1386AIL RENESAS-HI1386AIL Datasheet
470Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Intersil Corporation
HI1386JCP INTERSIL-HI1386JCP Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
logo
Renesas Technology Corp
HI1386JCP RENESAS-HI1386JCP Datasheet
470Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Intersil Corporation
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
   8-Bit, 75 MSPS Flash A/D Converter
April 1995
More results

Similar Description - HI1386_03

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1386 INTERSIL-HI1386 Datasheet
83Kb / 9P
   8-Bit, 75 MSPS, Flash A/D Converter
August 1997
HI1386Y INTERSIL-HI1386Y Datasheet
474Kb / 8P
   8-Bit, 75 MSPS Flash A/D Converter
April 1995
logo
Renesas Technology Corp
HI1386 RENESAS-HI1386 Datasheet
470Kb / 7P
   8-Bit, 75 MSPS, Flash A/D Converter
March 2003
logo
Fairchild Semiconductor
SPT7725 FAIRCHILD-SPT7725 Datasheet
134Kb / 12P
   8-BIT, 300 MSPS, FLASH A/D CONVERTER
logo
Intersil Corporation
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1276 INTERSIL-HI1276 Datasheet
102Kb / 11P
   8-Bit, 500 MSPS, Flash A/D Converter
August 1997
HI1176 INTERSIL-HI1176_05 Datasheet
341Kb / 12P
   8-Bit, 20 MSPS, Flash A/D Converter
HI-5700 INTERSIL-HI-5700 Datasheet
746Kb / 12P
   8-Bit, 20 MSPS Flash A/D Converter
HI-5700883 INTERSIL-HI-5700883 Datasheet
668Kb / 8P
   8-Bit, 20 MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com