Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA5023EVAL Datasheet(PDF) 4 Page - Intersil Corporation

Part # HA5023EVAL
Description  Dual, 425MHz, Low Power, Video Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA5023EVAL Datasheet(HTML) 4 Page - Intersil Corporation

  HA5023EVAL Datasheet HTML 1Page - Intersil Corporation HA5023EVAL Datasheet HTML 2Page - Intersil Corporation HA5023EVAL Datasheet HTML 3Page - Intersil Corporation HA5023EVAL Datasheet HTML 4Page - Intersil Corporation HA5023EVAL Datasheet HTML 5Page - Intersil Corporation HA5023EVAL Datasheet HTML 6Page - Intersil Corporation HA5023EVAL Datasheet HTML 7Page - Intersil Corporation HA5023EVAL Datasheet HTML 8Page - Intersil Corporation HA5023EVAL Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Application Information
Optimum Feedback Resistor
Although a current feedback amplifier’s bandwidth
dependency on closed loop gain isn’t as severe as that of a
voltage feedback amplifier, there can be an appreciable
decrease in bandwidth at higher gains. This decrease may
be minimized by taking advantage of the current feedback
amplifier’s unique relationship between bandwidth and RF .
All current feedback amplifiers require a feedback resistor,
even for unity gain applications, and RF, in conjunction with
the internal compensation capacitor, sets the dominant pole
of the frequency response. Thus, the amplifier’s bandwidth is
inversely proportional to RF. The HFA1205 design is
optimized for a 464
Ω R
F at a gain of +2. Decreasing RF
decreases stability, resulting in excessive peaking and
overshoot (Note: Capacitive feedback will cause the same
problems due to the feedback impedance decrease at higher
frequencies). At higher gains the amplifier is more stable, so
RF can be decreased in a trade-off of stability for bandwidth.
Table 1 lists recommended RF values for various gains, and
the expected bandwidth. For good channel-to-channel gain
matching, it is recommended that all resistors (termination
as well as gain setting) be
±1% tolerance or better. Note that
a series input resistor, on +IN, is required for a gain of +1, to
reduce gain peaking and increase stability.
Slew Rate
(VOUT = 4VP-P, AV = +1, +RS = 432Ω)
+SR
B
25
-
1150
-
V/
µs
-SR (Note 5)
B
25
-
800
-
V/
µs
Slew Rate (VOUT = 5VP-P, AV = +2)
+SR
B
25
-
1425
-
V/
µs
-SR (Note 5)
B
25
-
900
-
V/
µs
Slew Rate
(VOUT = 5VP-P, AV = -1, RF = 332Ω)
+SR
B
25
-
2400
-
V/
µs
-SR (Note 5)
B
25
-
1350
-
V/
µs
Settling Time
(VOUT = +2V to 0V step, Note 6)
To 0.1%
B
25
-
23
-
ns
To 0.05%
B
25
-
33
-
ns
To 0.025%
B
25
-
85
-
ns
Overdrive Recovery Time
VIN = ±2V
B
25
-
10
-
ns
VIDEO CHARACTERISTICS
AV = +2, RF = 464Ω, Unless Otherwise Specified
Differential Gain (f = 3.58MHz)
RL = 150Ω
B
25
-
0.03
-
%
RL = 75Ω
B
25
-
0.03
-
%
Differential Phase (f = 3.58MHz)
RL = 150Ω
B
25
-
0.03
-
Degrees
RL = 75Ω
B
25
-
0.05
-
Degrees
POWER SUPPLY CHARACTERISTICS
Power Supply Range
C
25
±4.5
-
±5.5
V
Power Supply Current (Note 6)
A
25
5.6
5.8
6.1
mA/
Op Amp
A
Full
5.4
5.9
6.3
mA/
Op Amp
NOTES:
3. Test Level: A. Production Tested.; B. Typical or Guaranteed Limit Based on Characterization.; C. Design Typical for Information Only.
4. Undershoot dominates for output signal swings below GND (e.g., 0.5VP-P), yielding a higher overshoot limit compared to the
VOUT = 0V to 0.5V condition. See the “Application Information “section for details.
5. Slew rates are asymmetrical if the output swings below GND (e.g., a bipolar signal). Positive unipolar output signals have symmetric positive
and negative slew rates comparable to the +SR specification. See the “Application Information” text, and the pulse response graphs for details.
6. See Typical Performance Curves for more information.
Electrical Specifications
VSUPPLY = ±5V, AV = +1, RF = 560Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
TABLE 1. OPTIMUM FEEDBACK RESISTOR
GAIN
(ACL)RF (Ω)
BANDWIDTH
(MHz)
-1
332
350
+1
464 (+RS = 432Ω)
300
+2
464
425
+5
215
270
+10
180
115
HFA1205


Similar Part No. - HA5023EVAL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA5023EVAL INTERSIL-HA5023EVAL Datasheet
136Kb / 14P
   Dual 125MHz Video Current Feedback Amplifier
September 1998
HA5023EVAL INTERSIL-HA5023EVAL Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
HA5023EVAL INTERSIL-HA5023EVAL Datasheet
360Kb / 16P
   Dual 125MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5023EVAL RENESAS-HA5023EVAL Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
More results

Similar Description - HA5023EVAL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1205 RENESAS-HFA1205 Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205 Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
   Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
HFA1305 INTERSIL-HFA1305_04 Datasheet
657Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com