Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1205 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HFA1205
Description  Dual, 425MHz, Low Power, Video Operational Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HFA1205 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HFA1205 Datasheet HTML 7Page - Intersil Corporation HFA1205 Datasheet HTML 8Page - Intersil Corporation HFA1205 Datasheet HTML 9Page - Intersil Corporation HFA1205 Datasheet HTML 10Page - Intersil Corporation HFA1205 Datasheet HTML 11Page - Intersil Corporation HFA1205 Datasheet HTML 12Page - Intersil Corporation HFA1205 Datasheet HTML 13Page - Intersil Corporation HFA1205 Datasheet HTML 14Page - Intersil Corporation HFA1205 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FIGURE 24. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 25. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 26. FREQUENCY RESPONSE FOR VARIOUS OUTPUT
VOLTAGES
FIGURE 27. FULL POWER BANDWIDTH
FIGURE 28. GAIN FLATNESS
FIGURE 29. CROSSTALK
Typical Performance Curves VSUPPLY = ±5V, RF = Value From the Optimum Feedback Resistor Table, TA = 25oC, RL = 100Ω,
Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
0
90
180
270
360
AV = +2
VOUT = 1VP-P, CH2
VOUT = 2.5VP-P
GAIN
PHASE
VOUT = 1VP-P, CH1
VOUT = 1VP-P
BOTH CHANNELS SHOWN
VOUT = 2.5VP-P
VOUT = 4VP-P
VOUT = 4VP-P
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
0
90
180
270
360
AV = +1
VOUT = 1VP-P
VOUT = 4VP-P
GAIN
PHASE
VOUT = 4VP-P
VOUT = 2.5VP-P
BOTH CHANNELS SHOWN
VOUT = 1VP-P, CH2
VOUT = 1VP-P, CH1
VOUT = 2.5VP-P
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
0
90
180
270
360
AV = -1
VOUT = 1VP-P
VOUT = 4VP-P
GAIN
PHASE
VOUT = 2.5VP-P
VOUT = 2.5VP-P
VOUT = 4VP-P
BOTH CHANNELS SHOWN
VOUT = 1VP-P
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
-9
AV = +1, VOUT = 4VP-P
AV = +2, VOUT = 5VP-P
AV = -1, VOUT = 5VP-P
BOTH CHANNELS SHOWN
FREQUENCY (MHz)
110
100
0.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
VOUT = 200mVP-P
AV = -1
AV = +1, CH2
BOTH CHANNELS SHOWN
AV = +1, CH1
AV = +2, CH1
AV = +2, CH2
FREQUENCY (MHz)
1
10
100
0.3
-40
-45
-50
-55
-60
-65
-70
-75
-80
-85
RL = 100Ω
RL = 1kΩ
HFA1205


Similar Part No. - HFA1205

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205 Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
logo
Renesas Technology Corp
HFA1205 RENESAS-HFA1205 Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Intersil Corporation
HFA1205IB INTERSIL-HFA1205IB Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
logo
Renesas Technology Corp
HFA1205IB RENESAS-HFA1205IB Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Intersil Corporation
HFA1205IP INTERSIL-HFA1205IP Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
More results

Similar Description - HFA1205

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HFA1205 RENESAS-HFA1205 Datasheet
641Kb / 15P
   Dual, 425MHz, Low Power, Video Operational Amplifier
July 2004
logo
Intersil Corporation
HFA1205 INTERSIL-HFA1205 Datasheet
53Kb / 7P
   Dual, 400MHz, Low Power, Video Operational Amplifier
September 1998
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
logo
Renesas Technology Corp
HFA1405 RENESAS-HFA1405 Datasheet
899Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
March 1, 2005
logo
Intersil Corporation
HFA1305 INTERSIL-HFA1305 Datasheet
143Kb / 12P
   Triple, 560MHz, Low Power, Video Operational Amplifier
April 1999
logo
Renesas Technology Corp
HFA1305 RENESAS-HFA1305 Datasheet
679Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
June 2004
logo
Intersil Corporation
HFA1405 INTERSIL-HFA1405 Datasheet
138Kb / 13P
   Quad, 560MHz, Low Power, Video Operational Amplifier
September 1998
HFA1405 INTERSIL-HFA1405_05 Datasheet
329Kb / 15P
   Quad, 560MHz, Low Power, Video Operational Amplifier
HFA1305 INTERSIL-HFA1305_04 Datasheet
657Kb / 11P
   Triple, 560MHz, Low Power, Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com