Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2936DT-5.0 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2936DT-5.0
Description  Ultra-Low Quiescent Current LDO Voltage Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936DT-5.0 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2936DT-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LM2936DT-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LM2936DT-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LM2936DT-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LM2936DT-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LM2936DT-5.0 Datasheet HTML 12Page - National Semiconductor (TI) LM2936DT-5.0 Datasheet HTML 13Page - National Semiconductor (TI) LM2936DT-5.0 Datasheet HTML 14Page - National Semiconductor (TI) LM2936DT-5.0 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Applications Information
Unlike other PNP low dropout regulators, the LM2936 re-
mains fully operational to 40V. Owing to power dissipation
characteristics of the available packages, full output current
cannot be guaranteed for all combinations of ambient tem-
perature and input voltage. As an example, consider an
LM2936Z–5.0 operating at 25˚C ambient. Using the formula
for maximum allowable power dissipation given in (Note 3) ,
we find that P
Dmax = 641 mW at 25˚C. Including the small
contribution of the quiescent current to total power dissipa-
tion the maximum input voltage (while still delivering 50 mA
output current) is 17.3V. The LM2936Z–5.0 will go into ther-
mal shutdown if it attempts to deliver full output current with
an input voltage of more than 17.3V. Similarly, at 40V input
and 25˚C ambient the LM2936Z–5.0 can deliver 18 mA
maximum.
Under conditions of higher ambient temperatures, the volt-
age and current calculated in the previous examples will
drop. For instance, at the maximum ambient of 125˚C the
LM2936Z–5.0 can only dissipate 128 mW, limiting the input
voltage to 7.34V for a 50 mA load, or 3.5 mA output current
for a 40V input.
The junction to ambient thermal resistance
θ
JA rating has
two distinct components: the junction to case thermal resis-
tance rating
θ
JC; and the case to ambient thermal resistance
rating
θ
CA. The relationship is defined as:
θ
JA =
θ
JC +
θ
CA.
For the SO-8 and TO-252 surface mount packages the
θ
JA
rating can be improved by using the copper mounting pads
on the printed circuit board as a thermal conductive path to
extract heat from the package.
On the SO-8 package the four ground pins are thermally
connected to the backside of the die. Adding approximately
0.04 square inches of 2 oz. copper pad area to these four
pins will improve the
θ
JA rating to approximately 110˚C/W. If
this extra pad are is placed directly beneath the package
there should not be any impact on board density.
On the TO-252 package the ground tab is thermally con-
nected to the backside of the die. Adding 1 square inch of 2
oz. copper pad area directly under the ground tab will im-
prove the
θ
JA rating to approximately 50˚C/W.
While the LM2936 has an internally set thermal shutdown
point of typically 160˚C, this is intended as a safety feature
only. Continuous operation near the thermal shutdown tem-
perature should be avoided as it may have a negative affect
on the life of the device.
While the LM2936 maintains regulation to 60V, it will not
withstand a short circuit above 40V because of safe operat-
ing area limitations in the internal PNP pass device. Above
60V the LM2936 will break down with catastrophic effects on
the regulator and possibly the load as well. Do not use this
device in a design where the input operating voltage may
exceed 40V, or where transients are likely to exceed 60V.
SHUTDOWN PIN
The LM2936BM has a pin for shutting down the regulator
output. Applying a Logic Level High (>2.0V) to the Shutdown
pin will cause the output to turn off. Leaving the Shutdown
pin open, connecting it to Ground, or applying a Logic Level
Low (<0.6V) will allow the regulator output to turn on.
www.national.com
11


Similar Part No. - LM2936DT-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936DT-5.0 NSC-LM2936DT-5.0 Datasheet
331Kb / 9P
   Ultra-Low Quiescent Current 5V Regulator
LM2936DT-5.0 NSC-LM2936DT-5.0 Datasheet
414Kb / 10P
   Ultra-Low Quiescent Current 5V Regulator
logo
Texas Instruments
LM2936DT-5.0 TI-LM2936DT-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936DT-5.0 TI-LM2936DT-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936DT-5.0 TI-LM2936DT-5.0 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
More results

Similar Description - LM2936DT-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
[Old version datasheet]   Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
   Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
logo
Texas Instruments
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
[Old version datasheet]   LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Rohm
BD733L5FP-CE2 ROHM-BD733L5FP-CE2 Datasheet
614Kb / 21P
   Ultra Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_12 Datasheet
1Mb / 26P
   Ultra-Low Quiescent Current LDO Regulator
2012 11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com