Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5810 Datasheet(PDF) 6 Page - Intersil Corporation

Part # HI5810
Description  CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HI5810 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HI5810 Datasheet HTML 2Page - Intersil Corporation HI5810 Datasheet HTML 3Page - Intersil Corporation HI5810 Datasheet HTML 4Page - Intersil Corporation HI5810 Datasheet HTML 5Page - Intersil Corporation HI5810 Datasheet HTML 6Page - Intersil Corporation HI5810 Datasheet HTML 7Page - Intersil Corporation HI5810 Datasheet HTML 8Page - Intersil Corporation HI5810 Datasheet HTML 9Page - Intersil Corporation HI5810 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FIGURE 4. OUTPUT ENABLE/DISABLE TIMING DIAGRAM
FIGURE 5. TIMING LOAD CIRCUIT
Timing Diagrams (Continued)
OEL OR OEM
D0 - D3 OR
HIGH
tDIS
tEN
50%
50%
10%
90%
TO LOW
TO
PIN
OUTPUT
IMPEDANCE
HIGH
TO HIGH
D4 - D11
IMPEDANCE
-1.6mA
1.6mA
50pF
+2.1V
-400
µA
1.6mA
50pF
+2.1V
Typical Performance Curves
FIGURE 6. NL vs TEMPERATURE
FIGURE 7. OFFSET ERROR vs TEMPERATURE
FIGURE 8. DNL vs TEMPERATURE
FIGURE 9. FULL SCALE ERROR vs TEMPERATURE
-50 -40 -30
0
10
20
30
40
50
60
70
TEMPERATURE (oC)
-20 -10
80
90
VDD =VAA+=5V, VREF+ = 4.608V, CLK = 1.5MHz
2.0
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
-50 -40 -30
0
10
20
30
40
50
60
70
TEMPERATURE (oC)
-20 -10
80 90
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
0.35
0.30
VDD =VAA+=5V, VREF+ = 4.608V, CLK = 1.5MHz
1.75
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
1.25
1.20
1.15
1.10
1.05
1.00
-50 -40 -30
0
10
20
30
40
50
60
70
TEMPERATURE (oC)
-20 -10
80
90
VDD =VAA+=5V, VREF+=4.608V,CLK =1.5MHz
-50 -40 -30
0
10
20
30
40
50
60
70
TEMPERATURE (oC)
-20 -10
80
90
-1.0
-1.1
-1.2
-1.3
-1.4
-1.5
-1.6
-1.7
-1.8
-1.9
-2.0
-2.1
-2.2
-2.3
-2.4
-2.5
VDD =VAA+=5V, VREF+ = 4.608V, CLK = 1.5MHz
HI5810


Similar Part No. - HI5810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810JIB INTERSIL-HI5810JIB Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810JIJ INTERSIL-HI5810JIJ Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810JIP INTERSIL-HI5810JIP Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5810KIB INTERSIL-HI5810KIB Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
More results

Similar Description - HI5810

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Renesas Technology Corp
HI5812 RENESAS-HI5812 Datasheet
1Mb / 16P
   CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Intersil Corporation
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
   CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
   CMOS 12-Bit A/D Converters With Track-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com